Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC78L05DM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AMC78L05DM
Description  100mA / 3-TERMINAL 5V REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMC78L05DM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AMC78L05DM Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC78L05DM Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC78L05DM Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC78L05DM Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC78L05DM Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC78L05DM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AMC DOC. #: AMC78L05_D (LF)
AMC78L05
March
2004
100mA / 3-TERMINAL 5V REGULATOR
Copyright
 2002, ADD Microtech Corp.
3
www.addmtek.com
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications in bold type apply over the operating temperature range of
0
OC
≤ T
J ≤ +150
OC, VIN = 10V, I
OUT = 40mA,CIN = 0.33µF, COUT= 0.1µF, and are for DC characteristics only. (Low
duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient
temperature.)
AMC78L05
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
TJ = 25
OC
4.8
5.0
5.2
7V
≤ V
IN ≤ 20V, 1mA ≤ IOUT ≤ 40mA
4.75
5.25
Output Voltage
VOUT
1mA
≤ I
OUT ≤ 70mA
4.75
5.25
V
7V
≤ V
IN ≤ 20V,TJ = 25
OC
18
75
Line Regulation
VOI
8V
≤ V
IN ≤ 20V,TJ = 25
OC
10
54
mV
1mA
≤ I
OUT ≤ 100mA, TJ = 25
OC
20
60
Load Regulation
VOL
1mA
≤ I
OUT ≤ 40mA, TJ = 25
OC
5
30
mV
Peak Output Current
IPEAK
TJ = 25
OC
140
mA
Dropout Voltage
TJ = 25
OC
1.7
2.0
V
Quiescent Current
IQ
3
5
mA
Ripple Rejection ( note 1 )
RR
f =120Hz, 8V
≤ V
IN ≤ 16V, TJ = 25
OC
47
62
dB
Output Noise Voltage ( note 1 )
VO RMS 10Hz ≤ f ≤ 100KHz, TJ = 25
OC
40
µV
Note 1:
These parameters, although guaranteed, are not 100% tested in production prior to shipment.
Typical Applications
Fig. 1. Fixed Output Regulator – capacitors are required if
the regulator is far away from the power supply filter.
Fig. 2. Adjustable Output Regulator –
VOUT = 5V + (5V/R1 +IQ)R2
Fig. 3. Current Regulator:
IOUT = (VOUT /R1) + IQ
OUTPUT
OUTPUT
INPUT
INPUT
AMC78L05
AMC78L05
R1
IQ
0.33
µF
0.33
µF
0.1
µF
0.1
µF
R2
INPUT
AMC78L05
R1
0.33
µF
OUTPUT
IOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com