Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC78L05DMF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AMC78L05DMF
Description  100mA / 3-TERMINAL 5V REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMC78L05DMF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AMC78L05DMF Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC78L05DMF Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC78L05DMF Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC78L05DMF Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC78L05DMF Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC78L05DMF Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AMC DOC. #: AMC78L05_D (LF)
AMC78L05
March
2004
100mA / 3-TERMINAL 5V REGULATOR
Copyright
 2002, ADD Microtech Corp.
2
www.addmtek.com
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input Voltage
30V
Maximum junction operating temperature, TJ
150
OC
Storage temperature range
-65
OC to 150OC
Lead temperature (soldiering, 10 seconds)
260
OC
Note 1:
Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
POWER DISSIPATION TABLE
Package
θ
JA
(
OC/W )
Derating factor ( mW/
OC )
TA ≥ 25
OC
TA ≤ 25
OC
Power rating(mW)
TA=70
OC
Power rating(mW)
TA= 85
OC
Power rating (mW)
DM
165
6.06
757
485
394
DMF
165
6.06
757
485
394
LP
156
6.41
801
513
417
LPF
156
6.41
801
513
417
PK
71(note)
14.1
1763
1128
916
PKF
71(note)
14.1
1763
1128
916
Note :
1.For PK package, Thermal Resistance-Junction to Tab (
θ
JT ) = 35
OC/W. T
J = TTAB + (PD × θJT).
P
D: Power Dissipation.
2.
θ
JA: Thermal Resistance-Junction to Ambient
Junction Temperature Calculation:
TJ = TA + (P
D × θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/PC-board system.
All of the above assume no ambient airflow.
RECOMMENDED OPERATING CONDITIONS
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Input Voltage
VI
7
20
V
Output Current
IOUT
100
mA
Operating Virtual Junction Temperature
TJ
0
125
OC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com