Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49F8011 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT49F8011
Description  8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F8011 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT49F8011 Datasheet HTML 1Page - ATMEL Corporation AT49F8011 Datasheet HTML 2Page - ATMEL Corporation AT49F8011 Datasheet HTML 3Page - ATMEL Corporation AT49F8011 Datasheet HTML 4Page - ATMEL Corporation AT49F8011 Datasheet HTML 5Page - ATMEL Corporation AT49F8011 Datasheet HTML 6Page - ATMEL Corporation AT49F8011 Datasheet HTML 7Page - ATMEL Corporation AT49F8011 Datasheet HTML 8Page - ATMEL Corporation AT49F8011 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
AT49F8011(T)
1264D–FLASH–5/03
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE
RESET
NC
NC
RDY/BUSY
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE
GND
I/O15/A-1
I/O7
I/O14
I/O6
I/O13
I/O5
I/O12
I/O4
VCC
I/O11
I/O3
I/O10
I/O2
I/O9
I/O1
I/O8
I/O0
OE
GND
CE
A0
CBGA Top View
RDY/BUSY
NC
A18
NC
I/O2
I/O10
I/O11
I/O3
A3
A4
A2
A1
A0
CE
OE
VSS
A7
A17
A6
A5
I/O0
I/O8
I/O9
I/O1
WE
RESET
NC
NC
I/O5
I/O12
VCC
I/O4
A9
A8
A10
A11
I/O7
I/O14
I/O13
I/O6
A13
A12
A14
A15
A16
BYTE
I/O15
VSS
A
B
C
D
E
F
G
H
1
23456
/A-1
The device powers on in the read mode. Command sequences are used to place the device in
other operation modes such as program and erase. The device has the capability to protect
the data in any sector. Once the data protection for a given sector is enabled, the data in that
sector cannot be changed using input levels between ground and V
CC.
The device is segmented into two memory planes. Reads from memory plane B may be per-
formed even while program or erase functions are being executed in memory plane A and vice
versa. This operation allows improved system performance by not requiring the system to wait
for a program or erase operation to complete before a read is performed. To further increase
the flexibility of the device, it contains an Erase Suspend feature. This feature will put the
Erase on hold for any amount of time and let the user read data from or program data to any of
the remaining sectors within the same memory plane. There is no reason to suspend the
erase operation if the data to be read is in the other memory plane. The end of a program or
an Erase cycle is detected by the Ready/Busy pin, Data polling, or by the toggle bit.
A six byte command (bypass unlock) sequence to remove the requirement of entering the
three byte program sequence is offered to further improve programming time. After entering
the six byte code, only single pulses on the write control lines are required for writing into the
device. This mode (single pulse byte/word program) is exited by powering down the device, or
by pulsing the RESET pin low for a minimum of 50ns and then bringing it back to V
CC. Erase
and Erase Suspend/Resume commands will not work while in this mode; if entered they will
result in data being programmed into the device. It is not recommended that the six byte code
reside in the software of the final product but only exist in external programming code.
The BYTE pin controls whether the device data I/O pins operate in the byte or word configura-
tion. If the BYTE pin is set at logic “1”, the device is in word configuration, I/O0-I/O15 are
active and controlled by CE and OE.
If the BYTE pin is set at logic “0”, the device is in byte configuration, and only data I/O pins
I/O0-I/O7 are active and controlled by CE and OE. The data I/O pins I/O8-I/O14 are tri-stated,
and the I/O15 pin is used as an input for the LSB (A-1) address function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com