Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5620 Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC5620
Description  LITELINK III Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5620 Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC5620 Datasheet HTML 2Page - Clare, Inc. CPC5620 Datasheet HTML 3Page - Clare, Inc. CPC5620 Datasheet HTML 4Page - Clare, Inc. CPC5620 Datasheet HTML 5Page - Clare, Inc. CPC5620 Datasheet HTML 6Page - Clare, Inc. CPC5620 Datasheet HTML 7Page - Clare, Inc. CPC5620 Datasheet HTML 8Page - Clare, Inc. CPC5620 Datasheet HTML 9Page - Clare, Inc. CPC5620 Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CPC5620/CPC5621
6
www.clare.com
Rev. 0.E
2. Application Circuits
LITELINK can be used with telephone networks world-
wide. Some public telephone networks, notably in
North America and Japan require resistive line temri-
nation. Other telephone networks in Europe and else-
where require reactive line termination.
The application circuits below address both line termi-
nation models. The reactive termination application
circuit (see Section 2.2 on page 8) describes a TBR-21
implementation. This circuit can be adapted easily for
other reactive termination needs. Worldwide applica-
tions of LITELINK are described more fully in Clare
application note AN-147, Worldwide Application of
LITELINK.
2.1 Resistive Termination Application Circuit
Figure 3. Resistive Termination Application Circuit Schematic
¹This design was tested and found to comply with FCC Part 68 with this part.
Other compliance requirements may require a different part.
²Higher-noise power supplies may require substitution of a 220
µH inductor,
Toko 380HB-2215 or similar. See the Power Quality section of Clare appli-
cation note AN-146, Guidelines for Effective LITELINK Designs for more
information.
³Optional for enhanced trans-hybrid loss.
1
2
+
-
OH
RING
CID
TX+
RX+
TX-
RX-
3.3 or 5 V
C13 0.1
C14 0.1
C2 0.1
C4 0.1
R1 (R
) 80.6K 1%
TX
R23²
10
BR-
BR-
BR-
TIP
RING
U1
LITELINK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VDD
TXSM
TX-
TX+
TX
GND
RX-
RX+
SNP+
SNP-
RXF
RX
MODE
OH
RING
CID
REFL
TXF
ZTX
ZNT
TXSL
BR-
NTS
GAT
NTF
DCS1
DCS2
ZDC
BR-
RPB
RXS
VDDL
DB1
SP1¹
BR-
BR-
A
A
A
C9
0.1
C16
10
FB1
600
200 mA
Ω
C1
1
R5 (R
)
60.4K
1%
TXF
R76 (R
)
200K 1%
HNTF
R13
(R
)
1M
1%
NTS
C10
0.01
500V
R15 (R
)
1.69M 1%
DCS2
R20
(R
)
2
VDDL
R21 (R
)
1%
DCS1B
6.2 M
R22 (R
)
6.8 M 1%
DCS1A
C12 (C
)
0.027
DCS
R2
(R
)
130K
1%
RXF
R3
(R
)
1.5M
1%
SNPD
C7
(C
)
220pF
2000V
SNP-
C8
(C
)
220pF
2000V
SNP+
R6 (R
)
1.8M 1/10W 1%
SNP-2
R44 (R
)
1.8M 1/10W 1%
SNP-1
R7 (R
)
1.8M 1/10W 1%
SNP+2
R45 (R
)
1.8M 1/10W 1%
SNP+1
R4
(R
)
68.1
1%
PB
BR-
NOTE: Unless otherwise
noted, all resistors are in
Ohms, 5%. All capacitors
are in microFarads.
R14
(R
)
47
GAT
Q1
CPC5602C
C21 (C
) 100 pF
GAT
R10
(R
)
301
1%
ZNT
R18
(R
)
3.32K
1%
ZTX
R12 (R
) 499K 1%
NTF
R16 (R
) 8.2 1%
ZDC
BR-
BR-
C15
0.01
500V
C18
15 pF³
R8 (R
)
221K 1%
HTX
R75 (R
)
261K 1%
NTX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com