Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR3AS Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # BCR3AS
Description  LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR3AS Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  BCR3AS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR3AS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR3AS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR3AS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR3AS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR3AS
LOW POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
•IT (RMS) ........................................................................ 3A
•VDRM ..............................................................400V/600V
•IFGT !, IRGT !, IRGT # ......................... 15mA (10mA) V2
BCR3AS
APPLICATION
Hybrid IC, solid state relay, switching mode power supply, light dimmer,
electric fan, electric blankets,
control of household equipment such as washing machine,
other general purpose control applications
Symbol
VDRM
VDSM
Parameter
Repetitive peak off-state voltage
V1
Non-repetitive peak off-state voltage V1
Voltage class
Unit
V
V
MAXIMUM RATINGS
8
400
500
12
600
720
Symbol
IT (RMS)
ITSM
I2t
PGM
PG (AV)
VGM
IGM
Tj
Tstg
—
Parameter
RMS on-state current
Surge on-state current
I2t for fusing
Peak gate power dissipation
Average gate power dissipation
Peak gate voltage
Peak gate current
Junction temperature
Storage temperature
Weight
Conditions
Commercial frequency, sine full wave 360
° conduction, Tc=108°C
60Hz sinewave 1 full cycle, peak value, non-repetitive
Value corresponding to 1 cycle of half wave 60Hz, surge on-state
current
Typical value
Unit
A
A
A2s
W
W
V
A
°C
°C
g
Ratings
3
30
3.7
3
0.3
6
0.3
–40 ~ +125
–40 ~ +125
0.26
V1. Gate open.
6.5
5.0±0.2
2.3
2.3
0.9 MAX
1.0
0.5±0.1
0.5±0.2
0.8
2
23
4
1
3
4
1
1
2
3
4
T1 TERMINAL
T2 TERMINAL
GATE TERMINAL
T2 TERMINAL
TYPE
NAME
VOLTAGE
CLASS
∗
∗ Measurement point of
case temperature
OUTLINE DRAWING
Dimensions
in mm
MP-3


Similar Part No. - BCR3AS

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR3AS POWEREX-BCR3AS Datasheet
86Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Teccor Electronics
BCR3AS-12 TECCOR-BCR3AS-12 Datasheet
2Mb / 223P
Thyristor Product Catalog
logo
Kersemi Electronic Co.,...
BCR3AS-12 KERSEMI-BCR3AS-12 Datasheet
1Mb / 13P
Planar Passivation Type
logo
Renesas Technology Corp
BCR3AS-12A RENESAS-BCR3AS-12A Datasheet
112Kb / 7P
Triac Low Power Use
BCR3AS-12A-A1 RENESAS-BCR3AS-12A-A1 Datasheet
112Kb / 7P
Triac Low Power Use
More results

Similar Description - BCR3AS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR08AS-8 MITSUBISHI-BCR08AS-8 Datasheet
101Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR30AM MITSUBISHI-BCR30AM Datasheet
88Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR6AM MITSUBISHI-BCR6AM Datasheet
91Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
CR05AS MITSUBISHI-CR05AS Datasheet
67Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR08AS-8 POWEREX-BCR08AS-8 Datasheet
101Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR08AS POWEREX-BCR08AS Datasheet
63Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR16CS POWEREX-BCR16CS Datasheet
85Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3AS POWEREX-BCR3AS Datasheet
86Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR2AS-14A RENESAS-BCR2AS-14A Datasheet
85Kb / 7P
Triac Low Power Use Non-Insulated Type Planar Passivation Type
BCR08AS RENESAS-BCR08AS_15 Datasheet
122Kb / 8P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com