Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM-9 Datasheet(PDF) 1 Page - ECS, Inc.

Part # CSM-9
Description  The CSM-9 is a compact SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

CSM-9 Datasheet(HTML) 1 Page - ECS, Inc.

  CSM-9 Datasheet HTML 1Page - ECS, Inc. CSM-9 Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15351 West 109
th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
PARAMETERS
CONDITIONS
CSM-9
UNITS
MIN
TYP
MAX
Frequency
4.000
50.000
MHz
Mode of Oscillation
Fundamental
Frequency Tolerance*
@ +25°C
± 30
ppm
Frequency Stability*
-20 ~ +70°C
± 30
ppm
Shunt Capacitance
Co
5
pF
Load Capacitance
Specify in P/N
8
20
Series
pF
Drive Level
DL
100
μW
Operating Temperature*
Topr
-10
+70
°C
Storage Temperature
Tstg
-55
+125
°C
Aging (First Year)
@ +25°C ±3°C
±5
ppm
ECS - FREQUENCY ABBREVIATION
LOAD
CAPACITANCE
PACKAGE
AVAILABLE OPTIONS
Tolerance
Stability
Temp Range
PACKAGING
Frequency (MHz)
ESR Ω Max.
4.000 ~ 7.999
300
8.000 ~ 9.999
200
10.000 ~ 11.999
100
12.000 ~ 12.999
80
13.000 ~ 50.000
50
Pad Connections
1
In/Out
2
Out/In
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
The CSM-9 is a compact SMD Crystal. The 8.0 x 4.5 x 1.8 mm
ceramic package is ideal for today’s SMD manufacturing
environment.
CSM-9
SMD CRYSTAL
CSM-9 SMD CRYSTAL
 Low Profile
 8.0 x 4.5 mm Footprint
 Extended Temp. Range Option
 RoHS Compliant
DIMENSIONS (mm)
PART NUMBERING GUIDE: Example ECS-200-20-35-TR
Figure 1) Top, Side, and Bottom
Crystal is symmetrical, pad 1 & 2 are interchangeable.
Chamfer on the bottom pad has no electrical
significance.
200 = 20.000 MHz
See P/N Guide
20 = 20 pF
S = Series
35 =
CSM-9
Blank = Std
A = ± 25 ppm
J = ± 20 ppm
R = ± 15 ppm
C = ± 10 ppm
TR =
Tape
& Reel
1K/Reel
Rev.2017
ECS
* Specify available options in P/N.
† Contact ECS for availability over extended temp range.
Blank= Std
D= ±100 ppm
E = ± 50 ppm
G = ± 30 ppm
H = ± 25 ppm
T = ± 20 ppm †
W = ±15 ppm †
K = ± 10 ppm †
Blank= Std
L = -10 ~ +70°C
M = -20 ~ +70°C
Y = -30 ~ +85°C
N = -40 ~ +85°C
P = -40 ~ +105°C
S = -40 ~ +125°C
U = -55 ~ +125°C
Figure 2) Suggested land
pattern


Similar Part No. - CSM-9

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-9 ECS-CSM-9 Datasheet
155Kb / 1P
SMD CRYSTAL
More results

Similar Description - CSM-9

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-7X ECS-CSM-7X_17 Datasheet
596Kb / 2P
The CSM-7X is an excellent choice for a low cost SMD Crystal.
CSM-8M ECS-CSM-8M_17 Datasheet
549Kb / 2P
The CSM-8M is a miniature SMD Crystal with a 7.0 x 5.0 mm footprint
CSM-8Q ECS-CSM-8Q_17 Datasheet
552Kb / 2P
The CSM-8Q is a compact SMD Crystal with a 7.0 x 5.0 mm footprint
ECS-23G ECS-ECS-23G Datasheet
632Kb / 2P
The minature ECS-23G is a compact SMD Crystal
ECS-33B ECS-ECS-33B Datasheet
587Kb / 2P
The miniature ECS-33B is a compact SMD Crystal
CSM-4AX ECS-CSM-4AX_17 Datasheet
579Kb / 2P
The CSM-4AX is an excellent choice for a low cost SMD crystal
CSM-7SSX ECS-CSM-7SSX_17 Datasheet
576Kb / 2P
The CSM-7SSX is an excellent choice for a low cost SMD Crystal
CSM-7X-3L ECS-CSM-7X-3L_17 Datasheet
542Kb / 2P
The CSM-7X-3L is a low profile SMD Crystal with 3rd lead
ECX-42 ECS-ECX-42_17 Datasheet
540Kb / 2P
The miniature ECX-42 is a compact SMD Crystal
ECX-2236 ECS-ECX-2236_17 Datasheet
632Kb / 2P
The miniature ECX-2236 is a compact SMD Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com