Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM-12 Datasheet(PDF) 2 Page - ECS, Inc.

Part # CSM-12
Description  The CSM-12 is a low profile SMD Crystal with a 11.8 x 5.5 mm footprint
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

CSM-12 Datasheet(HTML) 2 Page - ECS, Inc.

  CSM-12 Datasheet HTML 1Page - ECS, Inc. CSM-12 Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15351 West 109
th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
DEVELOPED FREQUENCIES
Abbreviation
Frequency (MHZ)
035
3.579545
036
3.6864
040
4.000
041
4.096
049
4.9152
050
5.000
060
6.000
061
6.144
073
7.3728
080
8.000
098.3
9.8304
100
10.000
110.5
11.0592
120
12.000
122.8
12.288
143
14.31818
147.4
14.7456
160
16.000
184
18.432
196.6
19.6608
200
20.000
240
24.000
245.7
24.576
250
25.000
270
27.000
SOLDER PROFILE
Peak solder Temp +260°C Max 10 sec Max.
2 Cycles Max.
MSL 1, Lead Finish Au
POCKET TAPE DIMENSIONS (mm)
CSM-12
SMD CRYSTAL
Figure 1) Suggested Reflow Profile



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com