Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX16-R3T+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # TX16-R3T+
Description  RF Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TX16-R3T+ Datasheet(HTML) 1 Page - Mini-Circuits

  TX16-R3T+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
* Insertion Loss is referenced to mid-band loss, 0.8 dB typ.
Ω
RATIO
FREQUENCY
(MHz)
INSERTION LOSS*
3 dB
MHz
2 dB
MHz
1 dB
MHz
16
40-300
40-300
60-220
70-150
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
50Ω
40 to 300 MHz
RF Transformer
TX16-R3T+
Maximum Ratings
Pin Connections
Operating Temperature
-20°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
250mW
DC Current
30mA
Transformer Electrical Specifications
REV. B
M151107
TX16-R3T+
IG/TD/CP/AM
151008
Typical Performance Data
PRIMARY DOT
4
PRIMARY
6
SECONDARY DOT
3
SECONDARY
1
SECONDARY CT
2
NOT USED
5
Features
• wideband, 40 to 300 MHz
• high impedance ratio 16:1
• leadless surface mount
Applications
• impedance matching of amplifiers
• push-pull amplifiers
• VHF/UHF receivers/transmitters
Surface Mount
A
B
C
D
E
F
.250
.31
.20
.100
.050
.055
6.35
7.87
5.08
2.54
1.27
1.40
G
H
J
K
wt
.040
.070
.270
.050
grams
1.02
1.78
6.86
1.27
0.50
Outline Dimensions (
)
inch
mm
Outline Drawing
Config. A
40.00
0.78
10.69
45.00
0.81
12.21
60.00
0.91
15.24
65.00
0.94
15.89
70.00
0.96
16.23
110.00
1.13
12.90
150.00
1.44
9.60
185.00
1.58
7.74
220.00
2.00
6.29
300.00
2.74
4.30
TX16-R3T
INSERTION LOSS
0.0
1.0
2.0
3.0
4.0
5.0
40
92
144
196
248
300
FREQUENCY (MHz)
TX16-R3T
INPUT RETURN LOSS
0
10
20
30
40
50
40
92
144
196
248
300
FREQUENCY (MHz)
Permanent damage may occur if any of these limits are exceeded.
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
CASE STYLE: TT240
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - TX16-R3T+

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX16-10-6.4 FERROXCUBE-TX16-10-6.4 Datasheet
43Kb / 3P
Alloy powder toroids
TX16-9.1-4.7 FERROXCUBE-TX16-9.1-4.7 Datasheet
44Kb / 3P
Ferrite toroids
TX16-9.6-6.3 FERROXCUBE-TX16-9.6-6.3 Datasheet
43Kb / 3P
Ferrite toroids
More results

Similar Description - TX16-R3T+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
RF Transformer
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
RF TRANSFORMER
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
RF TRANSFORMER
logo
XFMRS Inc.
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XF458PT-1720 XFMRS-XF458PT-1720 Datasheet
37Kb / 1P
RF TRANSFORMER
XFWB1010 XFMRS-XFWB1010 Datasheet
38Kb / 1P
RF TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com