Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-260-8-47-RGL-TR Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-260-8-47-RGL-TR
Description  The sub miniature ECX-1247 is a very compact SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-260-8-47-RGL-TR Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-260-8-47-RGL-TR Datasheet HTML 1Page - ECS, Inc. ECS-260-8-47-RGL-TR Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15351 West 109
th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
PARAMETERS
CONDITIONS
ECX-1247
UNITS
MIN
TYP
MAX
Frequency
24.000
80.000
MHz
Mode of Oscillation
Fundamental
Frequency Tolerance*
@ +25°C
± 20
ppm
Frequency Stability*
-40 ~ +85°C
± 20
ppm
Shunt Capacitance
Co
5
pF
Load Capacitance
Specify in P/N
8
pF
Drive Level
DL
100
μW
Operating Temperature*
Topr
-40
+85
°C
Storage Temperature
Tstg
-40
+90
°C
Aging (First Year)
@ +25°C ±3°C
±5
ppm
ECS - FREQUENCY ABBREVIATION
LOAD
CAPACITANCE
PACKAGE
AVAILABLE OPTIONS
Tolerance
Stability
Temp Range
PACKAGING
Frequency (MHz)
ESR Ω Max.
24.000 ~ 29.999
100
30.000 ~ 48.999
80
49.000 ~ 80.000
50
Pad Connections
1
In/Out
2
Gnd
3
Out/In
4
Gnd
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
The sub miniature ECX-1247 is a very compact SMD Crystal. The
1.6 x 1.2 x 0.3 mm ceramic package is ideal for today’s SMD
manufacturing environment.
ECX-1247
SMD CRYSTAL
ECX-1247 SMD CRYSTAL
 Low Profile
 1.6 x 1.2 mm Footprint
 Extended Temp. Range Option
 RoHS Compliant
DIMENSIONS (mm)
PART NUMBERING GUIDE: Example ECS-260-8-47-JTN-TR
Figure 1) Top, Side, and Bottom
Crystal is symmetrical, pad 1 & 3 are interchangeable.
Chamfer on the bottom pad has no electrical
significance.
260 = 26.000 MHz
See P/N Guide
8 = 8 pF
S=Series
-47 =
ECX-1247
Blank = Std
A = ± 25 ppm
J = ± 20 ppm
R = ± 15 ppm
C = ± 10 ppm
TR =
Tape
& Reel
1K/Reel
Rev.2017
ECS
* Specify available options in P/N.
† Contact ECS for availability over extended temp range.
Blank= Std
D= ±100 ppm
E = ± 50 ppm
G = ± 30 ppm
H = ± 25 ppm
T = ± 20 ppm †
W = ±15 ppm †
K = ± 10 ppm †
Blank= Std
L = -10 ~ +70°C
M = -20 ~ +70°C
Y = -30 ~ +85°C
N = -40 ~ +85°C
P = -40 ~ +105°C
S = -40 ~ +125°C
Figure 2) Suggested land
pattern


Similar Part No. - ECS-260-8-47-RGL-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-260-8-47-TR ECS-ECS-260-8-47-TR Datasheet
190Kb / 2P
SMD CRYSTAL
More results

Similar Description - ECS-260-8-47-RGL-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-160-8-36CKM ECS-ECS-160-8-36CKM Datasheet
507Kb / 2P
The miniature ECX-2236 is a very compact SMD Crystal
ECX-31B ECS-ECX-31B_16 Datasheet
588Kb / 2P
The ultra-miniature ECX-31B is a very compact SMD Tuning Fork Crystal
ECX-32 ECS-ECX-32_17 Datasheet
573Kb / 2P
The sub miniature ECX-32 is a compact SMD Crystal
ECX-34G ECS-ECX-34G Datasheet
650Kb / 2P
The sub miniature ECX-34G is a compact SMD tuning fork Crystal
ECX-49 ECS-ECX-49 Datasheet
560Kb / 2P
The ultra-miniature ECX-49 is a very compact SMD Tuning Fork Crystal
ECX-1637 ECS-ECX-1637_17 Datasheet
556Kb / 2P
The sub miniature ECX-1637 is a very compact SMD Crystal
ECX-39 ECS-ECX-39_17 Datasheet
612Kb / 2P
The miniature ECX-39 is a very compact SMD Tuning Fork Crystal
ECX-42 ECS-ECX-42_17 Datasheet
540Kb / 2P
The miniature ECX-42 is a compact SMD Crystal
ECX-2236 ECS-ECX-2236_17 Datasheet
632Kb / 2P
The miniature ECX-2236 is a compact SMD Crystal
ECX-1247B ECS-ECX-1247B Datasheet
434Kb / 2P
The sub miniature ECX-1247B is a very compact SMD Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com