Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS370TP Datasheet(PDF) 9 Page - Microchip Technology

Part # HCS370TP
Description  KEELOQ Code Hopping Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370TP Datasheet(HTML) 9 Page - Microchip Technology

Back Button HCS370TP Datasheet HTML 5Page - Microchip Technology HCS370TP Datasheet HTML 6Page - Microchip Technology HCS370TP Datasheet HTML 7Page - Microchip Technology HCS370TP Datasheet HTML 8Page - Microchip Technology HCS370TP Datasheet HTML 9Page - Microchip Technology HCS370TP Datasheet HTML 10Page - Microchip Technology HCS370TP Datasheet HTML 11Page - Microchip Technology HCS370TP Datasheet HTML 12Page - Microchip Technology HCS370TP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
2002 Microchip Technology Inc.
Preliminary
DS41111D-page 9
HCS370
TABLE 3-3:
DEVICE OPTIONS
TABLE 3-2:
ENCODER2 OPTIONS (SHIFT = 1)
Symbol
Address
16:Bits
Description(1)
Reference
Section
KEY2
34: 64 bits
Encoder Key
3.2.1
SEED2
2A: 60 bits
Encoder Seed Value
3.3
SYNC2
08: 20 bits
08: 18 bits
Encoder Synchronization Counter (CNTSEL=1)
Encoder Synchronization Counter (CNTSEL=0) plus overflow
3.2,
3.2.1
SER2
26: 32 bits
Encoder Serial Number
3.2, 3.2.2
DISC2
32: 10 bits
Encoder Discrimination value
3.2, 3.2.1
MSEL2
32: ---- 32--
Transmission Modulation
Format
Value
2
Format
4.1
00
PWM
01
Manchester
10
VPWM
11
PPM
HSEL2
32: ---4 ----
Header Select
4 TE = 0
10 TE = 1
4.1
XSER2
32: --5- ----
Extended Serial Number
28 bits = 0
32 bits = 1
3.2
QUEN2
32: -6-- ----
Queue counter Enable
Disable = 0
Enable = 1
5.6
STEN2
32: 7--- ----
START/STOP Pulse Enable
Disable = 0
Enable = 1
4.1
LEDBL2
3D: -6-- ----
Low Voltage LED Blink
Never = 0
Once = 1
5.3
LEDOS2
3D: 7--- ----
LED On Time Select(1)
50 ms = 0
100 ms = 1
5.3
SDLM2
3E: ---- ---0
Limited Seed
Disable = 0
Enable = 1
3.3
SDMD2
3E: ---- --1-
Seed Mode
User = 0
Production = 1
3.3
SDBT2
2A: 7654 ----
Seed Button Code
3.3
SDTM2
3E: ---- 32--
Time Before Seed Code word(1)
Value
2
Time (s)
3.3
00
0.0
01
0.8
10
1.6
11
3.2
BSEL2
3E: --54 ----
Transmission Baud Rate
Select(1)
Value
2
TE (
µs)
4.1
00
100
01
200
10
400
11
800
GSEL2
3E: 76-- ----
Guard Time Select(1)
Value
2
Time (ms)
4.1, 5.2
00
2 TE
01
6.4
10
51.2
11
102.4
Note 1:
All Timing values vary ±10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com