Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS2262D-R2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HS2262D-R2
Description  HS2262A CMOS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HS2262D-R2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HS2262D-R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers HS2262D-R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers HS2262D-R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers HS2262D-R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Phone: 0512-68256888
苏州市华芯微电子有限公司
mail:h-sun@h-sun.com
HuaXin Micro-electronics Co., Ltd
Url:www.china-chip.com
第
3 页 共 4 页
Ver. 041219
电气参数(除非特殊说明:Tamb=25℃,VDD=12.0V)
参
数
符号
测试条件
最小值
典型值
最大值
单位
电源电压
Vcc
2
12
V
电源电流
Icc
Vcc=12V 振荡器停振,
A0~A11 开路
0.02
0.3
μ
A
Vcc=5V, VOH=3V
-3
mA
Vcc=8V, VOH=4V
-6
mA
Dout 输出驱动电流
IOH
Vcc=12V, VOH=6V
-10
mA
Vcc=5V, VOL=3V
2
mA
Vcc=8V, VOL=4V
5
mA
Dout 输出陷电流
IOL
Vcc=12V, VOL=6V
9
mA
外接电阻-振荡频率对应表(仅供参考)
:
HS2262A
HS2272A/B
PT2272
3.3M
680K
270K
4.7M
820K
应用说明
在具体的应用中,外接电阻可根据需要进行适当的调节,阻值越大振荡频率越慢,编码
的宽度越大,发码一帧的时间越长,应用中一般将其接成
4.7M 左右的电阻,应用时请根据
自己的需要进行灵活的调节;



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com