Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTC555SC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HTC555SC
Description  GENERAL PURPOSE CLOCK GENERATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HTC555SC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HTC555SC Datasheet HTML 1Page - List of Unclassifed Manufacturers HTC555SC Datasheet HTML 2Page - List of Unclassifed Manufacturers HTC555SC Datasheet HTML 3Page - List of Unclassifed Manufacturers HTC555SC Datasheet HTML 4Page - List of Unclassifed Manufacturers HTC555SC Datasheet HTML 5Page - List of Unclassifed Manufacturers HTC555SC Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HIGH TECH
CHIPS, INC.
01/04/00
2
With this application we can generate thirty-two different output frequencies. See output frequency
selection table for dip switch settings. Setting “Frequency Selection” dip switch sets frequency.
HTC555 reads input switch value constantly and output frequency is set per new value if D[0:4] inputs
are changed. Time that takes to change output frequency to new value is relative to period of
previous frequency setting. For example if HTC555 was generating 10000Hz clock and we changed it
to 25000Hz clock, then output frequency will change in 1/10000Hz or 100uS. In order to avoid output
glitches, HTC555 changes its output frequency after finishing current output period. R1-R5 value
could be in a range of 1K to 10K in this application. Please note that if only one frequency is needed
then we can connect D [0:4] pins directly to ground or VDD. C1 is used, as de-coupling capacitor and
could be omitted.
3.0 Pin out description.
Abbreviations used: O - output, I - input, P - power.
Pin number
Name
I / O
Description
Notes
1
VDD
P
Power
+2.5V to + 5.5V.
2
CLKOUT
O
Clock Output
Output frequency.
3
D4
I
Frequency selector input.
Tie to GND or VDD.
4
D3
I
Frequency selector input.
Tie to GND or VDD.
5
D2
I
Frequency selector input.
Tie to GND or VDD.
6
D1
I
Frequency selector input.
Tie to GND or VDD.
7
D0
I
Frequency selector input.
Tie to GND or VDD.
8
GND
P
Ground
Connect to ground.
Output Frequency Selection.
Abbreviations used: 0 – connection to GND, 1 – connection to VDD.
D4
D3
D2
D1
D0
CLK ( output frequency)
00
0
0
0
1Hz
0
0
0
0
1
10 Hz
0
0
0
1
0
20 Hz
0
0
0
1
1
30 Hz
0
0
1
0
0
40 Hz
0
0
1
0
1
50 Hz
0
0
1
1
0
60 Hz
0
0
1
1
1
70 Hz
0
1
0
0
0
80 Hz
0
1
0
0
1
90 Hz
0
1
0
1
0
100 Hz
0
1
0
1
1
200 Hz
0
1
1
0
0
300 Hz
0
1
1
0
1
400 Hz
0
1
1
1
0
500 Hz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com