Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-R000 Datasheet(PDF) 2 Page - International Rectifier

Part # SMT-R000
Description  IRDCiP1202-A, 300kHz, Dual 15A, 5.5VIN to 13.2VIN Dual Output Synchronous Buck Converter using iP1202
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SMT-R000 Datasheet(HTML) 2 Page - International Rectifier

  SMT-R000 Datasheet HTML 1Page - International Rectifier SMT-R000 Datasheet HTML 2Page - International Rectifier SMT-R000 Datasheet HTML 3Page - International Rectifier SMT-R000 Datasheet HTML 4Page - International Rectifier SMT-R000 Datasheet HTML 5Page - International Rectifier SMT-R000 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.irf.com
2
IRDCiP1202-A
200
220
240
260
280
300
320
340
360
380
400
20
25
30
35
40
45
50
RT in KOhms
Fig. 2 : Per Channel Switching Frequency vs R
T
Fig. 1: Nominal Overcurrent Threshold Setting External Resistor Selection for V
IN = 12V
4
8
12
16
20
24
28
32
36
40
44
48
52
56
4
6
8
10
12
14
16
18
20
22
24
Overload Current (A)
VIN = 12V
VOUT1 = VOUT2 = 1.5V
fSW = 300kHz
L = 1 H
TBLK = 125°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com