Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS-285P Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMS-285P
Description  Surface Mount Zero Bias Schottky Detector Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-285P Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMS-285P Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Equivalent Linear Circuit Model
HSMS-285x chip
SPICE Parameters
Parameter
Units
HSMS-285x
BV
V
3.8
CJ0
pF
0.18
EG
eV
0.69
IBV
A3 E -4
IS
A3 E-6
N
1.06
RS
Ω
25
PB (VJ)
V
0.35
PT (XTI)
2
M
0.5
Absolute Maximum Ratings, TC = +25
°C, Single Diode
Symbol
Parameter
Unit
Absolute Maximum[1]
SOT-23/143 SOT-323/363
PIV
Peak Inverse Voltage
V
2.0
2.0
TJ
Junction Temperature
°C
150
150
TSTG
Storage Temperature
°C
-65 to 150
-65 to 150
TOP
Operating Temperature
°C
-65 to 150
-65 to 150
θ
jc
Thermal Resistance[2]
°C/W
500
150
Notes:
1. Operation in excess of any one of these conditions may result in
permanent damage to the device.
2. T
C = +25°C, where TC is defined to be the temperature at the package
pins where contact is made to the circuit board.
ESD WARNING:
Handling Precautions
Should Be Taken To Avoid
Static Discharge.
Cj
Rj
RS
Rj =
8.33 X 10
-5 nT
Ib + Is
where
Ib = externally applied bias current in amps
Is = saturation current (see table of SPICE parameters)
T = temperature,
°K
n = ideality factor (see table of SPICE parameters)
Note:
To effectively model the packaged HSMS-285x product,
please refer to Application Note AN1124.
RS = series resistance (see Table of SPICE parameters)
C j = junction capacitance (see Table of SPICE parameters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com