Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS201 Datasheet(PDF) 1 Page - International Rectifier

Part # IRMCS201
Description  Single Axis Servo Drive Design Platform AcceleratorTM based System Manual
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS201 Datasheet(HTML) 1 Page - International Rectifier

  IRMCS201 Datasheet HTML 1Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
May 20, 2003 Rev 3.0
IRMCS201
Single Axis Servo Drive Design Platform
AcceleratorTM based System Manual
Features
Low cost complete AC servo drive design platform
Low cost FPGA (Spartan2) based closed loop
torque and velocity control
Simple design with IR2175 current sensing HVIC
230V/1.0kW maximum output power with 600V/20A
advanced Plug-N-Drive
TM IGBT module
High bandwidth torque loop response
Flexible drive configuration (PMAC or induction
motor)
Scalable output power rating (500W/1kW)
Quadrature encoder interface
Low cost A/D interface with multiplexer
ServoDesigner
TM tool for easy operation
RS232C/RS422 and fast SPI interface (standard)
Built-in trace buffer memory for diagnostics and
monitor function
Parallel interface for microcontroller expansion or
debug port
Over-current and ground fault protection
Over-voltage / Under-voltage protection
Dynamic Braking control with brake IGBT/FWD
Discrete I/Os (START, STOP, FAULT, FLTCLR,
SYNC, DIR, PWMEN)
Configuration data retention at power up/down
Description
IRMCS201 is a complete servo drive design platform for
AC servo drive applications up to 1.5kW. The system
contains complete hardware and preloaded object code
for the FPGA, and the ServoDesigner
TM software.
Complete hardware schematics and B/Ms are provided so
that user can adapt design into specific needs. IRMCO201
downloadable object code is also available for volume
usage of IRMCS201 design. User can evaluate high
performance servo drive with a specific motor, and tailor
the drive design
Product Summary
Current loop bandwidth (-3dB)
5 kHz(typ)
Speed loop bandwidth (adjustable)
400 Hz(typ)
PWM carrier frequency
70 kHz max
Hardware current loop execution time
6 usec
Improved low speed regulation by 1/T algorithm
Continuous output current
3/6 Arms (.5/1kW)
Overload output current
8/16 Arms (.5/1kW)
Maximum modulation index
1.2
Max SPI comm. speed
6 MHz
Slave SPI configuration
Max RS232C speed
57.6 kbps
Optional RTS/CTS control for RS232C
Trace buffer memory
8 kbyte
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.


Similar Part No. - IRMCS201

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCS2011 IRF-IRMCS2011 Datasheet
859Kb / 25P
Complete Encoder Based Servo Drive Design Platform iMOTION Development System
IRMCS2013 IRF-IRMCS2013 Datasheet
535Kb / 26P
Encoder Based Low Voltage Servo Drive Design Platform
More results

Similar Description - IRMCS201

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCS2011 IRF-IRMCS2011 Datasheet
859Kb / 25P
Complete Encoder Based Servo Drive Design Platform iMOTION Development System
IRACO201 IRF-IRACO201 Datasheet
124Kb / 1P
AC Servo Control FPGA Object Code AcceleratorTM Soft ASIC Manual
IRMCS2031 IRF-IRMCS2031 Datasheet
193Kb / 18P
Complete Sensorless Drive Design Platform iMOTION Development System
IRMCS2033 IRF-IRMCS2033 Datasheet
622Kb / 21P
Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
IRMCS2031 IRF-IRMCS2031_07 Datasheet
410Kb / 21P
Complete Sensorless Drive Design Platform iMOTIONTM Development System
IRMCS3041 IRF-IRMCS3041 Datasheet
339Kb / 11P
Sensorless Motor Drive Platform for Appliance Based on iMOTION Chipset
IRMCS203 IRF-IRMCS203 Datasheet
158Kb / 1P
Low cost complete sensorless drive design platform
IRMCS2013 IRF-IRMCS2013 Datasheet
535Kb / 26P
Encoder Based Low Voltage Servo Drive Design Platform
logo
Adlink Technology Inc.
PCI-8158 ADLINK-PCI-8158 Datasheet
361Kb / 2P
Advanced 8/4-axis Servo & Stepper Motion Controllers with Modular Design
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
Servo drive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com