Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS203 Datasheet(PDF) 1 Page - International Rectifier

Part # IRMCS203
Description  Low cost complete sensorless drive design platform
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS203 Datasheet(HTML) 1 Page - International Rectifier

  IRMCS203 Datasheet HTML 1Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
May 20, 2003 Rev 3.0
IRMCS203
Sensorless Drive Design Platform
AcceleratorTM based System Manual
Features
Low cost complete sensorless drive design
platform
Works with any types of PM motor
No voltage feedback required
Sinusoidal commutation
Low cost FPGA (Spartan2E-300) based closed
loop current and velocity control
Simple design with IR2175 current sensing HVIC
230V/1.0kW maximum output power with
600V/20A advanced Plug-N-Drive
TM IGBT module
Configurable architecture for motor/drive
parameters
Scalable output power rating (500W/1kW)
Low cost A/D (ADS7818) interface with
multiplexer
ServoDesigner
TM tool for easy operation
RS232C/RS422 host interface
4-channel D/A for diagnostics and monitor
function
Parallel interface for microcontroller expansion
or debug port
Over-current and ground fault protection
Over-voltage / Under-voltage protection
Dynamic Braking control with brake IGBT/FWD
Description
IRMCS203 is a complete sensorless drive design platform
for AC permanent magnet motor applications. The drive is
rated up to 1.0kW. The system contains complete
hardware and preloaded object code for the FPGA, and
the ServoDesigner
TM software. Complete hardware
schematics and B/Ms are provided so that user can adapt
design into specific needs. IRMCO203 downloadable
object code is also available for volume usage of
IRMCS203 design. User can evaluate high performance
servo drive with a specific motor, and tailor the drive
design
Product Summary
Speed operation range (typical)
5 to 100%
High speed operation
100,000rpm (2pole)
Speed accuracy
0.01%
Speed resolution
15bit
PWM carrier frequency
60 kHz max
Sensorless control computation time
10 usec
Continuous output current
3/6 Arms (.5/1kW)
Overload output current
8/16 Arms (.5/1kW)
Maximum modulation index
1.2
Max RS232C speed
57.6 kbps
Optional RS422 communication
1Mbps
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.


Similar Part No. - IRMCS203

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCS2031 IRF-IRMCS2031 Datasheet
193Kb / 18P
Complete Sensorless Drive Design Platform iMOTION Development System
IRMCS2031 IRF-IRMCS2031_07 Datasheet
410Kb / 21P
Complete Sensorless Drive Design Platform iMOTIONTM Development System
IRMCS2033 IRF-IRMCS2033 Datasheet
622Kb / 21P
Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
More results

Similar Description - IRMCS203

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCS2011 IRF-IRMCS2011 Datasheet
859Kb / 25P
Complete Encoder Based Servo Drive Design Platform iMOTION Development System
IRMCS2031 IRF-IRMCS2031 Datasheet
193Kb / 18P
Complete Sensorless Drive Design Platform iMOTION Development System
IRMCS2033 IRF-IRMCS2033 Datasheet
622Kb / 21P
Low Voltage Sensorless Drive Design Platform for Permanent Magnet Motors
IRMCS2031 IRF-IRMCS2031_07 Datasheet
410Kb / 21P
Complete Sensorless Drive Design Platform iMOTIONTM Development System
IRMCS3041 IRF-IRMCS3041 Datasheet
339Kb / 11P
Sensorless Motor Drive Platform for Appliance Based on iMOTION Chipset
IRMCS1071 IRF-IRMCS1071 Datasheet
464Kb / 11P
Sensorless Motor Drive Platform for Appliance Based on iMOTIONTM Chipset
logo
M.S. Kennedy Corporatio...
MSK4227 MSK-MSK4227_15 Datasheet
118Kb / 4P
Low Cost Complete H-Bridge
MSK4201 MSK-MSK4201_15 Datasheet
144Kb / 6P
Low Cost Complete H-Bridge
MSK4200 MSK-MSK4200_15 Datasheet
146Kb / 6P
Low Cost Complete H-Bridge
logo
International Rectifier
IRMCS2013 IRF-IRMCS2013 Datasheet
535Kb / 26P
Encoder Based Low Voltage Servo Drive Design Platform
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com