Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSW119AT Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NCSW119AT
Description  SPECIFICATIONS FOR WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSW119AT Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NCSW119AT Datasheet HTML 3Page - NICHIA CORPORATION NCSW119AT Datasheet HTML 4Page - NICHIA CORPORATION NCSW119AT Datasheet HTML 5Page - NICHIA CORPORATION NCSW119AT Datasheet HTML 6Page - NICHIA CORPORATION NCSW119AT Datasheet HTML 7Page - NICHIA CORPORATION NCSW119AT Datasheet HTML 8Page - NICHIA CORPORATION NCSW119AT Datasheet HTML 9Page - NICHIA CORPORATION NCSW119AT Datasheet HTML 10Page - NICHIA CORPORATION NCSW119AT Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NICHIA STS-DA1-1292B <Cat.No.110524>
6
TAPE AND REEL DIMENSIONS
トレーラ部
/リーダ部 Trailer and Leader
トップカバーテープ
引き出し方向
Embossed Carrier Tape
エンボスキャリアテープ
Top Cover Tape
Feed
Direction
リーダ部最小
400mm
Leader without Top Cover Tape 400mm MIN
トレーラ部最小
160mm()
空部
Trailer 160mm MIN(Empty Pockets)
LED装着部
Loaded Pockets
引き出し部最小
100mm()
空部
Leader with Top Cover Tape
100mm MIN(Empty Pocket)
Nxxx119x
STS-DA7-0106A
Quantity per reel=3500pcs
数量は
1リールにつき 3500
。
個入りです
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806
。
電子部品テーピングに準拠しています
テーピング部
Tape
8±0.1
2±0.054±0.1
-0
Φ
1.5+0.1
リール部
Reel
*
17.5±1
13.5±1
330±2
ラベル
Label
Φ21
±0.8
(単位 Unit: mm)
管理番号
No.
Φ
1.5+0.2
Cathode Mark
-0
3.7±0.1
0.25±0.05
2.25±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com