Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSW119T Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NCSW119T
Description  SPECIFICATIONS FOR WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSW119T Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NCSW119T Datasheet HTML 1Page - NICHIA CORPORATION NCSW119T Datasheet HTML 2Page - NICHIA CORPORATION NCSW119T Datasheet HTML 3Page - NICHIA CORPORATION NCSW119T Datasheet HTML 4Page - NICHIA CORPORATION NCSW119T Datasheet HTML 5Page - NICHIA CORPORATION NCSW119T Datasheet HTML 6Page - NICHIA CORPORATION NCSW119T Datasheet HTML 7Page - NICHIA CORPORATION NCSW119T Datasheet HTML 8Page - NICHIA CORPORATION NCSW119T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NICHIA STS-DA1-1443A <Cat.No.110318>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
700
mA
Pulse Forward Current
IFP
1000
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
2.66
W
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
150
°C
* Absolute Maximum Ratings at TS=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Unit
Forward Voltage
VF
IF=350mA
3.3
V
Luminous Flux
Φv
IF=350mA
130
lm
Luminous Intensity
Iv
IF=350mA
45
cd
x
-
IF=350mA
0.344
-
Chromaticity Coordinate
y
-
IF=350mA
0.355
-
* Characteristics at TS=25°C.
* Luminous Flux value is traceable to the CIE 127:2007-compliant national standards.
* The Chromaticity Coordinates are derived from the CIE 1931 Chromaticity Diagram.
* This product is recommended to operate with the drive current from IF 100mA to 630mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com