Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX554B Datasheet(PDF) 7 Page - Sony Corporation

Part # ILX554B
Description  2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX554B Datasheet(HTML) 7 Page - Sony Corporation

Back Button ILX554B Datasheet HTML 3Page - Sony Corporation ILX554B Datasheet HTML 4Page - Sony Corporation ILX554B Datasheet HTML 5Page - Sony Corporation ILX554B Datasheet HTML 6Page - Sony Corporation ILX554B Datasheet HTML 7Page - Sony Corporation ILX554B Datasheet HTML 8Page - Sony Corporation ILX554B Datasheet HTML 9Page - Sony Corporation ILX554B Datasheet HTML 10Page - Sony Corporation ILX554B Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
– 7 –
ILX554B
φφφφφCLK, VOUT Timing (Note 1)
φCLK
VOUT
VOUT∗
(Note 2)
(Note 3)
t12
t11
t10
Item
φCLK-VOUT 1
φCLK-VOUT 2
φCLK-VOUT∗ (with S/H) 3
Symbol
t10
t11
t12
Min.
20
55
20
Typ.
100
210
150
Max.
250
410
250
Unit
ns
ns
ns
Note 1) fck = 1MHz,
φCLK pulse duty = 50%, φCLK pulse rise/fall time = 10ns
Note 2) Output waveform when internal S/H is in use.
Note 3)
indicates the correspondence of clock pulse and data period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com