Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF730 Datasheet(PDF) 12 Page - International Rectifier

Part # IRF730
Description  High Power Factor/Low THD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF730 Datasheet(HTML) 12 Page - International Rectifier

Back Button IRF730 Datasheet HTML 8Page - International Rectifier IRF730 Datasheet HTML 9Page - International Rectifier IRF730 Datasheet HTML 10Page - International Rectifier IRF730 Datasheet HTML 11Page - International Rectifier IRF730 Datasheet HTML 12Page - International Rectifier IRF730 Datasheet HTML 13Page - International Rectifier IRF730 Datasheet HTML 14Page - International Rectifier IRF730 Datasheet HTML 15Page - International Rectifier IRF730 Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
www.irf.com
C
= Lamp resonant circuit capacitor (C14)
(F)
PLamp
= Lamp running power
(W)
VLamp
= Lamp running voltage amplitude
(V)
L
= Lamp resonant circuit inductor (L3)
(H)
where,
Figure 11 shows the voltage appearing across the lamp while Figure 12 shows the current flowing
through the lamp during Startup, Preheat, Ignition Ramp and Run modes.
Figure 11: Lamp voltage during Startup, Preheat,
Ignition Ramp and Run
Figure 12: Lamp current during Startup, Preheat,
Ignition Ramp and Run (100mA/div.)
Normal Powerdown
A Normal Powerdown occurs when the AC line voltage is disconnected from the ballast. When this
occurs the voltage on the VDC pin of IC2 drops below the line fault threshold (3V) and IC2 shuts
down in a controlled fashion. The oscillator is stopped, the half-bridge driver outputs (LO and HO)
are turned off and capacitors CPH, CRAMP, CSTART and CT are discharged. IC2 also goes into its
UVLO/micro-power mode and the bus voltage begins to collapse.
Fault Mode
Fault mode is when the ballast driver is shutdown due to the detection of a lamp fault. Note that when
the ballast is in this Fault mode the power factor correction section of the ballast is also shutdown
and the bus voltage will drop to the non-boosted/unregulated level. There are several lamp fault
conditions which can put the ballast into the Fault mode. The lamp fault conditions detected include:
near/below resonance (under-current) detection, hard-switching detection and over-current detec-
tion. Resistor RCS in the source lead of the low side MOSFET (M3) serves as the current sensing
point for the half-bridge which is used to detect these lamp fault conditions. In operation when the
half-bridge is oscillating, a voltage appears across RCS whenever the low side MOSFET, M3, is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com