Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM272M Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM272M
Description  DUAL POWER OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM272M Datasheet(HTML) 5 Page - STMicroelectronics

  LM272M Datasheet HTML 1Page - STMicroelectronics LM272M Datasheet HTML 2Page - STMicroelectronics LM272M Datasheet HTML 3Page - STMicroelectronics LM272M Datasheet HTML 4Page - STMicroelectronics LM272M Datasheet HTML 5Page - STMicroelectronics LM272M Datasheet HTML 6Page - STMicroelectronics LM272M Datasheet HTML 7Page - STMicroelectronics LM272M Datasheet HTML 8Page - STMicroelectronics LM272M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Figure 7 :
Channel Separation versus
Frequency
Figure 8 :
Common Mode Rejection versus
Frequency
APPLICATION SUGGESTION
NOTE
In order to avoid possible instability occuring into fi-
nal stage the usual suggestions for the linear power
stages are useful, as for instance :
- layout accuracy ;
- a 100nF capacitor corrected between supply pins
and ground ;
- boucherot cell (0.1 to 0.2
µF+1 Ω series)between
outputs and ground or across the load.
Figure 9 : Bidirectional DC Motor Control with
µP Compatible Inputs
Figure 10 : Servocontrol for Compact-disc
Figure 11 : Capstan Motor Control in Video Recorders
L272
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com