Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSW6-33DR Datasheet(PDF) 1 Page - Mini-Circuits

Part # JSW6-33DR
Description  SP6T RF Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JSW6-33DR Datasheet(HTML) 1 Page - Mini-Circuits

  JSW6-33DR Datasheet HTML 1Page - Mini-Circuits JSW6-33DR Datasheet HTML 2Page - Mini-Circuits JSW6-33DR Datasheet HTML 3Page - Mini-Circuits JSW6-33DR Datasheet HTML 4Page - Mini-Circuits JSW6-33DR Datasheet HTML 5Page - Mini-Circuits JSW6-33DR Datasheet HTML 6Page - Mini-Circuits JSW6-33DR Datasheet HTML 7Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SP6T RF Switch
Page 1 of 7
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
CASE STYLE: MT1817
The Big Deal
Product Overview
JSW6-33DR+ is a high power reflective SP6T RF switch, with reflective short on output ports in the off con-
dition. Made using Silicon-on-Insulator process, it has very high IP3, a built-in CMOS driver and negative
voltage generator. Its tiny 2x2mm, 14-lead case enables wideband performance in tight spaces and dense
PCB layouts.
Feature
Advantages
Wideband operation
5-2700 MHz
Enables a single component to be used in a vast array of applications from VHF up to
2.7 GHz.
High IIP3:
55 dBm typ.
Results in little or negligible inter-modulation generation, meeting requirements for digital
communication signals.
Low Loss, 0.6 dB at 1 GHz
High input power, 3W
Low loss and high power capability enable a single switch to be used for a variety of ap-
plications, saving inventory.
Built in negative voltage generator
Operates with a single positive supply voltage; no need for DC blocking capacitors, un-
less external DC is present at the RF ports.
Built-in CMOS driver
No need for external driver, saving PCB space and cost.
Tiny MCLP package
2 x 2mm, 14-lead
Provides low inductance, repeatable transitions, and excellent thermal contact to PCB.
Key Features
50
Ω
5 to 2700 MHz
High Power 3W
• High Port count in super small size
• Single Positive Supply Voltage, 2.5 – 4.8V
• High Power P0.1dB, 3W typ.
• Low Insertion Loss, 0.6 dB at 1 GHz
JSW6-33DR+


Similar Part No. - JSW6-33DR

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JSW6-23DR-75 MINI-JSW6-23DR-75 Datasheet
420Kb / 7P
SP6T RF Switch
JSW6-23DR-75+ MINI-JSW6-23DR-75+ Datasheet
420Kb / 7P
SP6T RF Switch
More results

Similar Description - JSW6-33DR

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HRF-SW1031 HONEYWELL-HRF-SW1031 Datasheet
95Kb / 6P
SP6T Absorptive RF Switch
logo
Pasternack Enterprises,...
PE71S6186 PASTERNACK-PE71S6186 Datasheet
424Kb / 4P
SP6T Switch
PE71S6189 PASTERNACK-PE71S6189 Datasheet
458Kb / 4P
SP6T Switch
logo
Peregrine Semiconductor
PE42462 PSEMI-PE42462 Datasheet
786Kb / 20P
SP6T RF Switch, 10 MHz?? GHz
PE42562 PSEMI-PE42562 Datasheet
796Kb / 20P
SP6T RF Switch, 9 kHz?? GHz
PE426462 PSEMI-PE426462 Datasheet
786Kb / 20P
SP6T RF Switch, 10 MHz?? GHz
logo
Mini-Circuits
JSW6-23DR-75 MINI-JSW6-23DR-75 Datasheet
420Kb / 7P
SP6T RF Switch
MSP6T-12-12D MINI-MSP6T-12-12D Datasheet
377Kb / 3P
SP6T Switch
RC-1SP6T-26 MINI-RC-1SP6T-26 Datasheet
977Kb / 7P
RF SP6T Switch Matrix
RC-1SP6T-40 MINI-RC-1SP6T-40 Datasheet
564Kb / 7P
RF SP6T Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com