Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSW-2-46 Datasheet(PDF) 2 Page - Mini-Circuits

Part # KSW-2-46
Description  Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSW-2-46 Datasheet(HTML) 2 Page - Mini-Circuits

  KSW-2-46 Datasheet HTML 1Page - Mini-Circuits KSW-2-46 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
FREQ.
(MHz)
ON INSERTION LOSS (dB)
Control @ 0V/-5V
IN-OUT
OFF ISOLATION (dB)
Control @ 0V/-5V)
IN-OUT
VSWR
IN
OUT
—
x
σ
—
x
σ
—
x
ON
—
x
OFF
—
x
3.00
5.00
10.00
20.00
50.00
100.00
200.00
500.00
911.55
1000.00
1581.00
2107.00
2370.00
2489.55
2752.55
3278.55
3804.55
4330.55
4474.00
4600.00
0.54
0.54
0.54
0.61
0.59
0.62
0.65
0.70
0.75
0.76
0.92
0.92
0.88
1.01
1.17
1.15
1.16
0.87
0.70
1.08
0.04
0.04
0.04
0.06
0.04
0.04
0.04
0.04
0.04
0.04
0.05
0.06
0.06
0.07
0.09
0.11
0.08
0.05
0.04
0.04
83.44
83.46
81.44
76.29
69.27
66.59
61.43
53.61
47.64
46.91
41.27
37.77
37.33
36.86
35.65
33.10
33.46
31.99
32.16
32.78
4.68
2.97
2.66
2.13
0.92
1.42
0.74
0.93
0.59
0.61
0.47
0.41
0.42
0.43
0.39
0.42
0.37
0.42
0.40
0.42
1.12
1.12
1.12
1.12
1.12
1.12
1.12
1.13
1.14
1.14
1.22
1.36
1.37
1.41
1.51
1.53
1.50
1.31
1.23
1.13
1.12
1.12
1.12
1.12
1.12
1.12
1.12
1.13
1.15
1.16
1.20
1.21
1.26
1.34
1.42
1.39
1.35
1.24
1.23
1.16
16.46
16.21
16.21
16.04
15.37
14.63
14.00
12.83
11.86
11.79
11.85
11.91
9.64
9.98
9.70
13.14
13.37
15.41
17.84
14.40
1. Max. Input RF power, +27 dBm except below 500 MHz +24 dBm
2. Control voltage (-10V) maximum.
3.Video leakage or break through is defined as leakage of switching signal to RF output ports.
4. All RF connections must be DC blocked or held at 0V DC.
KSW-2-46+
INSERTION LOSS
0.0
0.4
0.8
1.2
1.6
2.0
0
920
1840
2760
3680
4600
FREQUENCY (MHz)
at RF level of 10 dBm
KSW-2-46+
VSWR
1.0
1.2
1.4
1.6
1.8
2.0
0
920
1840
2760
3680
4600
FREQUENCY (MHz)
INPUT
OUTPUT
at RF level of 10 dBm
KSW-2-46+
ISOLATION
0
20
40
60
80
100
0
920
1840
2760
3680
4600
FREQUENCY (MHz)
at RF level of 10 dBm
Typical Performance Data
KSW-2-46+
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com