Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1806IS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1806IS8
Description  325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1806IS8 Datasheet(HTML) 2 Page - Linear Technology

  LT1806IS8 Datasheet HTML 1Page - Linear Technology LT1806IS8 Datasheet HTML 2Page - Linear Technology LT1806IS8 Datasheet HTML 3Page - Linear Technology LT1806IS8 Datasheet HTML 4Page - Linear Technology LT1806IS8 Datasheet HTML 5Page - Linear Technology LT1806IS8 Datasheet HTML 6Page - Linear Technology LT1806IS8 Datasheet HTML 7Page - Linear Technology LT1806IS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT1806
2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
100
550
µV
VCM = V–
100
550
µV
∆VOS
Input Offset Voltage Shift
VCM = V
– to V+
50
500
µV
IB
Input Bias Current
VCM = V
+
14
µA
VCM = V–
–13
– 5
µA
∆IB
Input Bias Current Shift
VCM = V– to V+
617
µA
IOS
Input Offset Current
VCM = V+
0.03
0.6
µA
VCM = V–
0.05
1.5
µA
∆IOS
Input Offset Current Shift
VCM = V– to V+
0.08
2.1
µA
Input Noise Voltage
0.1Hz to 10Hz
40
nVP-P
en
Input Noise Voltage Density
f = 10kHz
3.5
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
4
pA/
√Hz
CIN
Input Capacitance
2pF
AVOL
Large Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k
90
220
V/mV
VS = 5V, VO = 1V to 4V, RL = 100
10
22
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL = 1k
75
150
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V– to V+
80
100
dB
VS = 3V, VCM = V
– to V+
75
95
dB
Input Common Mode Range
V–
V+
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
91
105
dB
Minimum Supply Voltage (Note 6)
2.3
2.5
V
VOL
Output Voltage Swing LOW (Note 7)
No Load
6
35
mV
ISINK = 5mA
45
130
mV
ISINK = 25mA
170
400
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
12
50
mV
ISOURCE = 5mA
85
180
mV
ISOURCE = 25mA
350
700
mV
ISC
Short-Circuit Current
VS = 5V
±35
±70
mA
VS = 3V
±30
±60
mA
IS
Supply Current
913
mA
Total Supply Voltage (V+ to V–) ............................ 12.6V
Input Voltage (Note 2) .............................................
±VS
Input Current (Note 2) ........................................
±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) .. – 40
°C to 85°C
Specified Temperature Range (Note 5) ... – 40
°C to 85°C
Junction Temperature ........................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
S8 PART MARKING
TJMAX = 150°C, θJA = 90°C/W (Note 9)
Consult factory for Military grade parts.
1806
1806I
LT1806CS8
LT1806IS8
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS
TOP VIEW
NC
V+
OUT
NC
SHDN
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TA = 25°C. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open; VCM = VOUT = half supply unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com