Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C256 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M28C256
Description  256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C256 Datasheet(HTML) 5 Page - STMicroelectronics

  M28C256 Datasheet HTML 1Page - STMicroelectronics M28C256 Datasheet HTML 2Page - STMicroelectronics M28C256 Datasheet HTML 3Page - STMicroelectronics M28C256 Datasheet HTML 4Page - STMicroelectronics M28C256 Datasheet HTML 5Page - STMicroelectronics M28C256 Datasheet HTML 6Page - STMicroelectronics M28C256 Datasheet HTML 7Page - STMicroelectronics M28C256 Datasheet HTML 8Page - STMicroelectronics M28C256 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Status Register
The devices provide several Write operation status
flags that can be used to minimize the application
write time. These signals are available on the I/O
port bits during programming cycle only.
Data Polling bit (DQ7). During the internal write
cycle, any attempt to read the last byte written will
produce on DQ7 the complementary value of the
previously latched bit. Once the write cycle is fin-
ished the true logic value appears on DQ7 in the
read cycle.
Toggle bit (DQ6). The devices offer another way
for determining when the internal write cycle is
completed. During the internal Erase/Write cycle,
DQ6 will toggle from ”0” to ”1” and ”1” to ”0” (the
first read value is ”0”) on subsequent attempts to
read any byte of the memory. When the internal
cycle is completed the toggling will stop and the
data read on DQ7-DQ0 is the addressed memory
byte. The device is now accessible for a new Read
or Write operation.
Page Load Timer Status bit (DQ5). Duringa Page
Write instruction, the devices expect to receive the
stream of data with a minimum period of time
between each data byte. This period of time
(tWHWH) is defined by the on-chip Page Load timer
which running/overflow status is available on DQ5.
DQ5 Low indicates that the timer is running, DQ5
High indicates the time-out after which the internal
write cycle will start.
Software Data Protection
The devices offer a software controlled write pro-
tection facility that allows the user to inhibit all write
modes to the device. This can be useful in protect-
ing the memory from inadvertent write cycles that
may occur due to uncontrolledbus conditions.
The devices are shipped as standardin the ”unpro-
tected” state meaning that the memory contents
can be changed as required by the user. After the
Software Data Protection enable algorithm is is-
sued, the device
enters the ”Protect Mode” of
operation where no further write commands have
any effect on the memory contents.
The devices remain in this
mode until a valid
Software Data Protection (SDP) disable sequence
is received whereby the device reverts to its ”un-
protected” state. The Software Data Protection is
fully non-volatile and is not changed by power
on/off sequences. To enable the Software Data
Protection (SDP) the device requires the user to
write (with a Page Write addressing three specific
data bytes to three specific memory locations,each
location in a different page) as per Figure 6. Simi-
larly to disable the Software Data Protection the
user has to write specific data bytes into six differ-
ent locations as per Figure 5 (with a Page Write
adressing different bytes in different pages).
This complexseries ensures that the userwill never
enable or disable the Software Data Protection
accidentally.
To write into the devices when SDP is set, the
sequence shown in Figure 6 must be used. This
sequence provides an unlock key to enable the
write action, and at the same time SDP continues
to be set.
An extension to this is where SDP is required to be
set, and data is to be written.
Using the same sequence as above, the data can
be written and SDP is set at the same time, giving
both these actions in the same Write cycle (tWC).
DQ7
DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0
DP
TB
PLTS
X
X
X
X
X
DP
= Data Polling
TB
= Toggle Bit
PLTS = Page Load Timer Status
Figure 4. Status Bit Assignment
5/21
M28256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com