Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54585KP Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # M54585KP
Description  8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

M54585KP Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  M54585KP Datasheet HTML 1Page - Powerex Power Semiconductors M54585KP Datasheet HTML 2Page - Powerex Power Semiconductors M54585KP Datasheet HTML 3Page - Powerex Power Semiconductors M54585KP Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Jan. 2000
ton
toff
50%
50%
50%
50%
INPUT
OUTPUT
(1)Pulse generator (PG) characteristics : PRR = 1kHz,
tw = 10
µs, tr = 6ns, tf = 6ns, Zo = 50Ω,
VI = 3.85V
(2)Input-output conditions : RL = 25
Ω, Vo = 10V
(3)Electrostatic capacity CL includes floating capacitance at
connections and input capacitance at probes
PG
50
Ω
RL
OUTPUT
INPUT
Vo
CL
OPEN
Measured device
“H” input voltage
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54585KP
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –20 ~ +75
°C)
TIMING DIAGRAM
NOTE 1 TEST CIRCUIT
ns
ns
—
—
12
240
—
—
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
Turn-on time
Turn-off time
ton
toff
CL = 15pF (note 1)
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
Parameter
—
—
—
—
0
Limits
min
typ
max
Symbol
Unit
—
—
VO
Output voltage
“L” input voltage
Duty Cycle
≤ 10%
Duty Cycle
≤ 50%
Collector current
(Current per 1 cir-
cuit when 8 circuits
are coming on si-
multaneously)
IC
VIH
50
200
70
30
30
0.6
V
mA
V
V
V
VIL
Ic
≤ 400mA
Ic
≤ 200mA
0
0
3.85
3.4
0
—
2.4
1.6
1.8
18
2.4
100
—
ICEO = 100
µA
VI = 3.85V, IC = 400mA
VI = 3.4V, IC = 200mA
II = 3.85V
VI = 25V
IF = 400mA
VR = 50V
VCE = 4V, IC = 350mA, Ta = 25
°C
—
1.3
1.0
0.95
8.7
1.5
—
2500
50
—
—
—
—
—
—
1000
V (BR) CEO
V
Symbol
Unit
Parameter
Test conditions
Limits
min
typ+
max
Collector-emitter breakdown voltage
VCE(sat)
Collector-emitter saturation voltage
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = –20 ~ +75
°C)
II
VF
IR
hFE
Input current
Clamping diode forward voltage
Clamping diode reverse current
DC amplification factor
V
mA
V
µA
—
+ : The typical values are those measured under ambient temperature (Ta) of 25
°C. There is no guarantee that these values are obtained under any
conditions.
POWEREX



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com