Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM-3X Datasheet(PDF) 1 Page - ECS, Inc.

Part # CSM-3X
Description  The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

CSM-3X Datasheet(HTML) 1 Page - ECS, Inc.

  CSM-3X_17 Datasheet HTML 1Page - ECS, Inc. CSM-3X_17 Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15351 West 109
th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
PARAMETERS
CONDITIONS
CSM-3X
UNITS
MIN
TYP
MAX
Frequency
12.000
40.000
MHz
Mode of Oscillation
Fundamental
Frequency Tolerance*
@ +25°C
± 30
ppm
Frequency Stability*
-10 ~ +70°C
± 50
ppm
Shunt Capacitance
Co
7
pF
Load Capacitance
Specify in P/N
10
20
Series
pF
Drive Level
DL
100
μW
Operating Temperature*
Topr
-10
+70
°C
Storage Temperature
Tstg
-40
+85
°C
Aging (First Year)
@ +25°C ±3°C
±5
ppm
ECS - FREQUENCY ABBREVIATION
LOAD
CAPACITANCE
PACKAGE
AVAILABLE OPTIONS
Tolerance
Stability
Temp Range
PACKAGING
Frequency (MHz)
ESR Ω Max.
12.000 ~ 15.999
60
16.000 ~ 29.999
50
30.000 ~ 40.000
40
Pin Connections
1
In/Out
2
Out/In
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
The CSM-3X is the miniature low profile resistance weld type
SMD quartz crystal. Reduces footprint of CSM-7X (HC-49USX
SMD) by 50%.
CSM-3X
SMD CRYSTAL
CSM-3X SMD CRYSTAL
 Cost Effective
 Low Profile
 Extended Temp. Range Option
 Pb Free/RoHS Compliant
DIMENSIONS (mm)
PART NUMBERING GUIDE: Example ECS-200-20-3X-TR
Figure 1) Top, Side, and Bottom
Crystal is symmetrical, pin 1 & 2 are interchangeable.
200 = 20.000 MHz
See P/N Guide
20 = 20 pF
S = Series
3X =
CSM-3X
Blank = Std
A = ± 25 ppm
J = ± 20 ppm
R = ± 15 ppm
C = ± 10 ppm
TR =
Tape
& Reel
3K/Reel
Rev.2017
ECS
* Specify available options in P/N.
† Contact ECS for availability over extended temp range.
Blank= Std
D= ±100 ppm
E = ± 50 ppm
G = ± 30 ppm
H = ± 25 ppm
T = ± 20 ppm †
W = ±15 ppm †
K = ± 10 ppm †
Blank= Std
L = -10 ~ +70°C
M = -20 ~ +70°C
Y = -30 ~ +85°C
N = -40 ~ +85°C
P = -40 ~ +105°C
S = -40 ~ +125°C
U = -55 ~ +125°C
Figure 2) Suggested land
pattern
Request a Sample


Similar Part No. - CSM-3X_17

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
Quartz Crystal
More results

Similar Description - CSM-3X_17

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
HC49U VANLONG-HC49U Datasheet
34Kb / 1P
Miniature Resistance Weld Crystal
logo
ECS, Inc.
ECS-130-20-3X-TR ECS-ECS-130-20-3X-TR Datasheet
164Kb / 1P
The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal. Reduces footprint of CSM-7X (HC-49USX SMD) by 50%.
ECS-250-20-3X-TR ECS-ECS-250-20-3X-TR Datasheet
164Kb / 1P
The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal. Reduces footprint of CSM-7X (HC-49USX SMD) by 50%.
ECS-270-20-3X-TR ECS-ECS-270-20-3X-TR Datasheet
164Kb / 1P
The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal. Reduces footprint of CSM-7X (HC-49USX SMD) by 50%.
HC49UX ECS-HC49UX Datasheet
151Kb / 1P
The HC-49UX is an "AT" cut resistance weld type Thru Hole quartz crystal.
CSM-8A ECS-CSM-8A Datasheet
599Kb / 2P
The CSM-8A Series is a very cost effective, low profile SMD quartz crystal.
CSM-9 ECS-CSM-9_17 Datasheet
571Kb / 2P
The CSM-9 is a compact SMD Crystal
HC-46X ECS-HC-46X_17 Datasheet
511Kb / 2P
miniature low profile resistance weld type Thru Hole quartz crystal
HC-49USX ECS-HC-49USX_17 Datasheet
534Kb / 2P
low profile resistance weld type Thru Hole quartz crystal
HC-49UX ECS-HC-49UX_17 Datasheet
510Kb / 3P
The HC-49UX is an AT cut resistance weld type Thru Hole quartz crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com