Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCMPP10 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCMPP10
Description  Up to 10 Watts Medical DC/DC Power Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMPP10 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCMPP10 Datasheet HTML 1Page - Wall Industries,Inc. DCMPP10 Datasheet HTML 2Page - Wall Industries,Inc. DCMPP10 Datasheet HTML 3Page - Wall Industries,Inc. DCMPP10 Datasheet HTML 4Page - Wall Industries,Inc. DCMPP10 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev E
DCMPP10 SERIES
Up to 10 Watts
Medical DC/DC Power Converters
02/04/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
MECHANICAL DRAWINGS
A Type Pin Connection (Suffix “A”)
PIN CONNECTIONS
PIN
SINGLE
DUAL
1
+Vin
+Vin
11
NO PIN
COMMON
12
-Vout
NO PIN
13
+Vout
-Vout
15
NO P IN
+Vout
23
-Vin
-Vin
24
-Vin
-Vin
1.
Dimensions in inch (mm)
2.
Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3.
Pin Pitch Tolerance: ±0.01 (±0.25)
Pin Dimension Tolerance: ±0.004 (±0.1)
B Type Pin Connection (Suffix “B”)
PIN CONNECTIONS
PIN
SINGLE
DUAL
1
CTRL (Optional)/ No Pin*
CTRL (Optional)/No Pin*
2
-Vin
-Vin
10
TRIM (Optional)/No Pin*
TRIM (Optional)/No Pin*
11
**NO PIN/NC
-Vout
14
+Vout
+Vout
16
-Vout
COMMON
22
+Vin
+Vin
23
+Vin
+Vin
* If Ctrl of Trim options are not chosen then there is “No Pin”
on the corresponding pin number.
** Pin 11 is “No Pin” for
*Pin 11 is “NC” for
DCMPP10-XXSXXB-T
DCMPP10-XXSXXB
DCMPP10-XXSXXB-PT
DCMPP10-XXSXXB-P
1.
Dimensions in inch (mm)
2.
Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3.
Pin Pitch Tolerance: ±0.01 (±0.25)
4.
Pin Dimension Tolerance: ±0.004 (±0.1)
External Output Trimming
Output can be externally trimmed by using the method
shown below. ( ) for dual output trim.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com