Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4045 Datasheet(PDF) 4 Page - Littelfuse

Part # SP4045
Description  SP4045 Series 1.5pF 24A Diode Array (HDBaseT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP4045 Datasheet(HTML) 4 Page - Littelfuse

  SP4045 Datasheet HTML 1Page - Littelfuse SP4045 Datasheet HTML 2Page - Littelfuse SP4045 Datasheet HTML 3Page - Littelfuse SP4045 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 12/29/16
TVS Diode Arrays (SPA® Diodes)
Lightning Surge Protection- SP4045 Series
Embossed Carrier Tape & Reel Specification — MSOP-10
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
5.40
5.60
0.213
0.220
D
1.50
1.60
0.059
0.063
D1
1.50 Min
0.059 Min
P0
3.90
4.10
0.154
0.161
W
11.70
12.30
0.460
0.484
P
7.90
8.10
0.311
0.319
A0
5.20
5.40
0.205
0.213
B0
3.20
3.50
0.126
0.138
K0
1.20
1.50
0.047
0.059
t
0.30 +/- 0.05
0.012+/- 0.002
User Feeding Direction
Pin 1 Location
Package Dimensions — MSOP-10
B
e
A1
A
2
1
E1
E
10
D
L
C
0.32
[0.0126]
0.50
[0.0197]
2.00
[0.0787]
Solder Pad Layout
Package
MSOP
Pins
10
JEDEC
MO-187
Millimeters
Inches
DIM
Min
Max
Min
Max
A
-
1.10
-
0.043
A1
0.00
0.15
0.000
0.006
B
0.17
0.27
0.007
0.011
c
0.08
0.23
0.003
0.009
D
2.90
3.10
0.114
0.122
E
4.67
5.10
0.184
0.200
E1
2.90
3.10
0.114
0.122
e
0.50 BSC
0.020 BSC
L
0.40
0.80
0.016
0.032
Part Numbering System
SP 4045 04 A T G
Series
Number of
Channels
Package
A = MSOP10
T= Tape & Reel
G= Green
-
TVS Diode Arrays
(SPA® Diodes)
Ordering Information
Part Number
Package
Marking
Min. Order
Qty.
SP4045-04ATG
MSOP-10
E H4
4000
Part Marking System
YYWW = Date code
F
L
YYWW
E H 4
Product Series
E = SP4045
Number of
Channels
Assembly Site



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com