Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA35F-RK-CA Datasheet(PDF) 2 Page - Lumberg

Part # HA35F-RK-CA
Description  Tools and harnessing machines
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

HA35F-RK-CA Datasheet(HTML) 2 Page - Lumberg

  HA35F-RK-CA Datasheet HTML 1Page - Lumberg HA35F-RK-CA Datasheet HTML 2Page - Lumberg HA35F-RK-CA Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
97 HA35f-RK-CA
02/2018
2
Range of application
Pole number
2–20
Pitch
2.5/5.0 mm
State of delivery of connectors
in chain
Processable conductor
discrete conductor, pre-notched
ribbon cable* 2.5/5.0 mm
Features
Application
middle and high-volume
production
Stroke capacity
ca. 1200/h
Scope of functions and delivery
- Automatic feeding of connectors
- Cable screen for one range of
cable diameters/sections
- Verification of insertion pattern
and line end position during
manual
insertion of conductors
- Fixation of inserted discrete
conductors by spring-loaded
pressure pads
until pressing
- Automatic release of press action
by control of line end position
- Cutting station for connector
chain interlinks (station RK)
- Cable color detection 7 + 1
(station CA)
- Vacuum extraction device for
removal of cut connector chain
interlinks
- Storage of insertion patterns
- Harnessing of bus cables not
possible
Options
- Special press die, required for
351... with side <strong>P2</
strong> being closed
- Cable screens for additional
ranges of cable diameters/sections
- *Conversion kit for ribbon cable
(cable screen, holder, test pins,
support)
- Set of test pins for 35...-2 (20
pieces)
Dimensions and supply data
Dimensions (H x W x D)
590 mm x 1320 mm x 870 mm
Weight
ca. 125 kg
Electrical supply
230 V/50 Hz
Compressed air supply
6 bar
Compressed air consumption
4,5 m³/1000 connectors
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com