Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA35E-RK Datasheet(PDF) 2 Page - Lumberg

Part # HA35E-RK
Description  Tools and harnessing machines
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

HA35E-RK Datasheet(HTML) 2 Page - Lumberg

  HA35E-RK Datasheet HTML 1Page - Lumberg HA35E-RK Datasheet HTML 2Page - Lumberg HA35E-RK Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
97 HA35e-RK
01/2018
2
Range of application
Pole number
2–20
Pitch
2,5/5,0 mm
State of delivery of connectors
in chain
Processable conductor
discrete conductor, notched flat
cable* 2.5/5.0 mm
Features
Application
middle and high volume
production
Stroke capacity
ca. 1200/h
Scope of functions and delivery
- Automatic feeding of connectors
- Cable screen for one isulation
diameter/section range
- Verification of insertion pattern
and line end position during
manual insertion of conductors
- Fixation of inserted discrete
conductors by spring-loaded
pressure pads until pressing
- Automatic release of press action
by control of line end position
- Cutting and vacuum extraction
device for connector chain
interlinks
- Storage of insertion patterns
- Harnessing of bus cables not
possible
- Can also be integrated into a fully
automatic base machine Komax
Alpha 356
Options
- Special press die, required for
351... with side
P2 being closed
- Cable screens for additional
ranges of cable diameters/sections
- *Conversion kit for flat cable
(cable screen, holder, test pins,
support)
- Set of test pins for 35...-2 (20
pieces)
Dimensions and supply data
Dimensions (H x W x D)
500 mm x 600 mm x 700 mm
Weight
ca. 45 kg
Electrical supply
230 V/50 Hz
Compressed air supply
6 bar
Compressed air consumption
1 m³/1000 Steckverbinder
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com