Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML62 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ML62
Description  ML62 Series Positive Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ML62 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML62 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML62 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML62 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML62 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML62 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML62 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML62 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML62 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML62 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
ML62
v Ordering Information
v Marking
Designator
Description
Output Voltage
eg.
30=3.0V
a
50=5.0V
b
Output Voltage Accuracy
2 = + 2.0%
3 = + 3.0%
c
Package Type
M = SOT-23
P = SOT-89
T = TO-92
d
Device Orientation
R = Embossed Tape
(Orientation of Device : Right)
L = Embossed Tape
(Orientation of Device : Left)
B = Bag (TO-92)
H = Paper Tape (TO-92)
SOT-23 :
Designator
Description
1
Type
R = Positive Voltage Regulator
2,3
Output Voltage
eg. 30 = 3.0V
4
Internal Code
SOT-89 :
Designator
Description
1
Type
R = Positive Voltage Regulator
2,3
Output Voltage
eg. 30 = 3.0V
4
Output Voltage Accuracy
2 = + 2.0%
3 = + 3.0%
5
Internal Code
TO-92 :
Designator
Description
1
Type
R = Positive Voltage Regulator
2,3
Output Voltage
eg. 30 = 3.0V
4
Output Voltage Accuracy
2 = + 2.0%
3 = + 3.0%
5
Internal code
6, 7
Year Code
eg. 00 = Year 2000
8, 9
Week Code
eg. 10 = Week 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com