Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2305M-1HT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS2305M-1HT
Description  3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2305M-1HT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS2305M-1HT Datasheet HTML 1Page - Integrated Circuit Systems ICS2305M-1HT Datasheet HTML 2Page - Integrated Circuit Systems ICS2305M-1HT Datasheet HTML 3Page - Integrated Circuit Systems ICS2305M-1HT Datasheet HTML 4Page - Integrated Circuit Systems ICS2305M-1HT Datasheet HTML 5Page - Integrated Circuit Systems ICS2305M-1HT Datasheet HTML 6Page - Integrated Circuit Systems ICS2305M-1HT Datasheet HTML 7Page - Integrated Circuit Systems ICS2305M-1HT Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
MDS 2305 D
4
Revision 022505
In te gr ated Circuit Systems
● 5 25 Race Stree t, San Jose, CA 951 26 ● te l (40 8) 2 97-12 01 ● www.icst.com
ICS2305
DC Electrical Characteristics
ICS2305M-XX
, VDD = 3.3 V ±10%, Ambient Temperature -40 to +85
°C(Industrial), (0-70°C Commercial)
Note 1: When there is no clock signal present at CLKIN, the ICS2305 will enter power down mode. The
PLL is stopped and the outputs are tri-state.
AC Electrical Characteristics
ICS2305M-1
, VDD=3.3 V ±10%, Ambient temperature -40 to +85
°C(Industrial), (0-70°C Commercial)
Note 2: With VDD at a steady rate and valid input at CLKIN.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.6
V
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Input Low Current
IIL
VIN = 0V
50
µA
Input High Current
IIH
VIN = VDD
100
µA
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Operating Supply Current
IDD
No Load
32
mA
Power Down Supply
Current
CLKIN = 0, Note 1
12
µA
Short Circuit Current
IOS
Each output
±50
mA
Input Capacitance
CIN
CLKIN
5
pF
Parameter
Symbol
Conditions
Min.
Typ. Max. Units
Output Clock Frequency
fIN
10 pF load
10
133
MHz
Output Clock Frequency
30 pF load
10
100
MHz
Output Rise Time
tOR
0.8 to 2.0 V, outputs loaded
2.5
ns
Output Fall Time
tOF
2.0 to 0.8 V, outputs loaded
2.5
ns
Output Clock Duty Cycle
tDC
measured at 1.4V, Fout=66.67
MHz
40
50
60
%
Output Clock Duty Cycle
tDC
measured at 1.4V, Fout=50
MHz
45
50
55
%
Device to Device Skew
rising edges at VDD/2
700
ps
Output to Output Skew
rising edges at VDD/2
250
ps
Input to Output Skew
rising edges at VDD/2
±350
ps
Cycle to Cycle Jitter
measured at 66.67M, outputs
loaded
200
ps
PLL Lock Time
Note 2
1.0
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com