Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8531CCB3TR25 Datasheet(PDF) 8 Page - SHANGHAI BELLING CO., LTD.

Part # BL8531CCB3TR25
Description  High Efficiency, Multi-Function Step-up DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8531CCB3TR25 Datasheet(HTML) 8 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8531CCB3TR25 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8531CCB3TR25 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8531CCB3TR25 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8531CCB3TR25 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8531CCB3TR25 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8531CCB3TR25 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8531CCB3TR25 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL8531CCB3TR25 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL8531CCB3TR25 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.belling.com.cn
8
BL8531C
EXTEND APPLICATIONS
12V STEP-UP APPLICATION
Fig 8
Note: BL8531C’s output voltage is 6V. When the output current is small or no load, the output voltage will be unstable,
use the RZD for flowing the bias current through the zener diode. For step-up application, a diode(for example: 1N4148)
is needed as starter circuit.
STEP-DOWN APPLICATION
Fig 9
Note: In step-down application, use starter circuit as above. 2.5VVzenerVout. RST is needed for bias current of
zener diode. This starter circuit also can be used in high voltage step-up application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com