Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74C95 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C95
Description  4-Bit Right-Shift Left-Shift Register
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C95 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74C95 Datasheet HTML 1Page - National Semiconductor (TI) MM74C95 Datasheet HTML 2Page - National Semiconductor (TI) MM74C95 Datasheet HTML 3Page - National Semiconductor (TI) MM74C95 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd
Propagation Delay Time to a Logical
VCC e 5V
200
400
ns
‘‘0’’ or Logical ‘‘1’’ from Clock to Q or Q
VCC e 10V
80
160
ns
tS0 tS1
Time Prior to Clock Pulse that Data
VCC e 5V
60
30
ns
must be Preset
VCC e 10V
25
10
ns
tH0 tH1
Time After Clock Pulse that Data
VCC e 5V
25
10
ns
must be Held
VCC e 10V
10
50
ns
tPW
Minimum Clock Pulse Width (tWL e tWH)VCC e 5V
100
ns
VCC e 10V
50
ns
tSM
Time Prior to Clock Pulse that Mode
VCC e 5V
200
100
ns
Control must be Preset
VCC e 10V
100
50
ns
fMAX
Maximum Input Clock Frequency
VCC e 5V
3
5
MHz
VCC e 10V
65
10
MHz
CIN
Input Capacitance
Any Input (Note 2)
5
pF
CPD
Power Dissipation Capacitance
(Note 3)
100
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics Application Note
AN-90
Function Table
Inputs
Outputs
Mode
Clocks
Serial
Parallel
QA
QB
QC
QD
Control
2 (L)
1 (R)
A
B
C
D
HH
X
X
X
X
X
X
QA0
QB0
QC0
QD0
H
v
XX
a
b
c
c
a
b
c
d
H
v
XX
QB
QC
QD
dQBn
QCn
QDn
d
LL
H
X
X
X
X
X
QA0
QB0
QC0
QD0
LX
v
HX
X
X
X
H
QAn
QBn
QCn
LX
v
LX
X
X
X
L
QAn
QBn
QCn
u
LL
X
X
X
X
X
QA0
QB0
QC0
QD0
v
LL
X
X
X
X
X
QA0
QB0
QC0
QD0
v
LH
X
X
X
X
X
QA0
QB0
QC0
QD0
u
HL
X
X
X
X
X
QA0
QB0
QC0
QD0
u
HH
X
X
X
X
X
QA0
QB0
QC0
QD0
u
L
H
X
X
X
X
X
Undefined
v
H
L
X
X
X
X
X
Operating Conditions
Shifting left requires external connection of QB to A QC to B and QD to C Serial data is entered at input D
H e high level (steady state) L e low level (steady state) X e irrelevant (any input including transitions)
v e transition from high to low level u e transition from low to high level
a b c d e the level of steady-state input at inputs A B C or D respectively
QA0 QB0 QC0 QD0 e the level of QA QB QC or QD respectively before the indicated steady-state input conditions
were established
QAn QBn QCn QDn e the level of QA QB QC or QD respectively before the most recent transition of the clock
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com