Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HC20 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC20
Description  Dual 4-Input NAND Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC20 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HC20 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC20 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC20 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC20 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5299
January 1988
MM54HC20MM74HC20
Dual 4-Input NAND Gate
General Description
These NAND gates utilize advanced silicon-gate CMOS
technology to achieve operating speeds similar to LS-TTL
gates with the low power consumption of standard CMOS
integrated circuits All gates have buffered outputs All de-
vices have high noise immunity and the ability to drive 10
LS-TTL loads The 54HC74HC logic family is functionally
as well as pin-out compatible with the standard 54LS74LS
logic family All inputs are protected from damage due to
static discharge by internal diode clamps to VCC and
ground
Features
Y
Typical propagation delay 8 ns
Y
Wide power supply range 2 – 6V
Y
Low quiescent current 20 mA maximum (74HC Series)
Y
Low input current 1 mA maximum
Y
Fanout of 10 LS-TTL loads
Connection and Logic Diagrams
Dual-In-Line Package
TLF5299 – 1
Top View
Order Number MM54HC20 or MM74HC20
TLF5299 – 2
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74HC20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC221 FAIRCHILD-MM74HC221 Datasheet
108Kb / 9P
Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A Datasheet
108Kb / 9P
Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A Datasheet
120Kb / 9P
Dual Non-Retriggerable Monostable Multivibrator
MM74HC221AM FAIRCHILD-MM74HC221AM Datasheet
108Kb / 9P
Dual Non-Retriggerable Monostable Multivibrator
MM74HC221AM FAIRCHILD-MM74HC221AM Datasheet
120Kb / 9P
Dual Non-Retriggerable Monostable Multivibrator
More results

Similar Description - MM74HC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
Dual 4-Input NAND gate
1996 Jul 01
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
Dual 4-input NAND gate
1989 Mar 03
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
Dual 4-input NAND gate
December 1990
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
DUAL 4-INPUT NAND GATE
Jun-1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
DUAL 4-INPUT NAND GATE
Jul-2001
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
Dual 4-Input NAND Gate
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com