Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSMB Datasheet(PDF) 5 Page - Littelfuse

Part # TPSMB
Description  The TPSMB series is designed specifically to protect
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TPSMB Datasheet(HTML) 5 Page - Littelfuse

  TPSMB Datasheet HTML 1Page - Littelfuse TPSMB Datasheet HTML 2Page - Littelfuse TPSMB Datasheet HTML 3Page - Littelfuse TPSMB Datasheet HTML 4Page - Littelfuse TPSMB Datasheet HTML 5Page - Littelfuse TPSMB Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TVS Diodes
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/06/17
Surface Mount – 600W > TPSMB series
Physical Specifications
Weight
0.003 ounce, 0.093 grams
Case
JEDEC DO214AA. Molded plastic body
over glass passivated junction
Polarity
Color band denotes cathode for
unidirectional components.
Terminal
Matte Tin-plated leads, Solderable per
JESD22-B102
Soldering Parameters
Time (t)
Ts(min)
Ts(max)
TL
TP
ts
Preheat
tL
tp
Ramp-up
Critical Zone
TL to TP
Ramp-down
t 25˚C to Peak
25˚C
Reflow Condition
Lead–free assembly
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
60 – 120 secs
Average ramp up rate (Liquidus Temp (T
L)
to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
- Temperature (T
L) (Liquidus)
217°C
- Time (min to max) (t
s)
60 – 150 seconds
Peak Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
30 seconds max
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes max.
Do not exceed
260°C
Dimensions
A
D
E
G
F
H
C
B
Cathode Band for unidirectional components
Dimension in inches and (millimeters)
DO-214AA (SMB J-Bend)
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.077
0.086
1.950
2.200
B
0.160
0.180
4.060
4.570
C
0.130
0.155
3.300
3.940
D
0.084
0.096
2.130
2.440
E
0.030
0.060
0.760
1.520
F
-
0.008
-
0.203
G
0.205
0.220
5.210
5.590
H
0.006
0.012
0.152
0.305
I
0.089
-
2.260
-
J
0.085
-
2.160
-
K
-
0.107
-
2.740
L
0.085
-
2.160
-
(all dimensions in mm)
I
L
K
J
Solder Pads
Environmental Specifications
High Temp. Storage
JESD22-A103
HTRB
JESD22-A108
Temperature Cycling
JESD22-A104
MSL
JEDEC-J-STD-020, Level 1
H3TRB
JESD22-A101
RSH
JESD22-A111



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com