Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 8 Page - ON Semiconductor

Part # LP2950
Description  Low Power Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2950 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LP2950 Datasheet HTML 4Page - ON Semiconductor LP2950 Datasheet HTML 5Page - ON Semiconductor LP2950 Datasheet HTML 6Page - ON Semiconductor LP2950 Datasheet HTML 7Page - ON Semiconductor LP2950 Datasheet HTML 8Page - ON Semiconductor LP2950 Datasheet HTML 9Page - ON Semiconductor LP2950 Datasheet HTML 10Page - ON Semiconductor LP2950 Datasheet HTML 11Page - ON Semiconductor LP2950 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LP2950, LP2951, NCV2951
www.onsemi.com
8
1
0
100
100
4.0
-40
1.8
1.0
80
Vin, INPUT VOLTAGE (V)
f, FREQUENCY (Hz)
t, TEMPERATURE (
°C)
f, FREQUENCY (Hz)
TA = 25°C
CL = 1.0 mF
Vin = 6.0 V
Vout = 5.0 V
CL = 1.0 mF
CL = 100 mF
IL= 0.1 mA
IL= 100 mA
TA = 25°C
VO = 5.0 V
LP2951C
Output “Off"
Output “On"
TA = 25°C
LP2951CN
60
40
20
0
3.0
2.0
1.0
0
80
60
40
20
0
1.4
1.0
0.8
1.2
1.6
10
100
1.0 k
10 k
100 k
1.0 k
10 k
100 k
-20
40
80
120
160
5.0
15
25
35
40
10
20
30
60
100
140
20
0
TA = 75°C
4.0
2.0
0
-2.0
-4.0
-6.0
0.01
0.1
10
100
1000
10000
0
10
20
3040
50
60708090
100
Output Current (mA)
Unstable Region
Stable Region
Unstable Region for 0.1
mF capacitor only
100
mF
0.1
mF
Vout = 5 V
Lower unstable region is for 0.1
mF only.
1
mF and 100 mF show no instability with low ESR values.
0
200
t, TIME (ms)
Figure 12. Load Transient Response
4
2.5
0.5
1.5
2
3
3.5
1
150
100
0
-50
50
Vout
ILoad
0
-200
200
400
-400
CL = 1.0 mF
Vout = 5.0 V
IL = 400 mA to 75 mA
TA = 25°C
Figure 13. Ripple Rejection
Figure 14. Output Noise
Figure 15. Shutdown Threshold Voltage
versus Temperature
Figure 16. Maximum Rated
Output Current
Figure 17. Output Stability versus Output Capacitor
Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com