Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA779 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BA779
Description  Current-controlled RF resistor for switching and attenuating applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA779 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BA779 Datasheet HTML 1Page - Infineon Technologies AG BA779 Datasheet HTML 2Page - Infineon Technologies AG BA779 Datasheet HTML 3Page - Infineon Technologies AG BA779 Datasheet HTML 4Page - Infineon Technologies AG BA779 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2007-04-19
3
BA779
Diode capacitance CT = ƒ (VR)
f = 1MHz
0
5
10
15
20
V
30
VR
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
pF
0.5
1 MHz
100 MHz
1 GHz
Forward resistance rf = ƒ (IF)
f = 1MHz
10
EHD07016
BA 885
r
f
F
Ι
-1
0
10
1
10
2
10
mA
0
10
10
3
Ω
10
1
10
2
Forward current IF = ƒ (VF)
0
0.2
0.4
0.6
0.8
1
°C
1.3
TS
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
mA
-40°C
+25°C
+85°C
+125°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com