Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD32C Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MJD32C
Description  100V PNP HIGH VOLTAGE TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MJD32C Datasheet(HTML) 4 Page - Diodes Incorporated

  MJD32C Datasheet HTML 1Page - Diodes Incorporated MJD32C Datasheet HTML 2Page - Diodes Incorporated MJD32C Datasheet HTML 3Page - Diodes Incorporated MJD32C Datasheet HTML 4Page - Diodes Incorporated MJD32C Datasheet HTML 5Page - Diodes Incorporated MJD32C Datasheet HTML 6Page - Diodes Incorporated MJD32C Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MJD32C
Document number: DS31624 Rev. 8 - 2
4 of 7
www.diodes.com
January 2018
© Diodes Incorporated
MJD32C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Emitter Breakdown Voltage (Note 10)
BVCEO
-100
V
IC = -30mA, IB = 0
Collector Cut-off Current
ICEO
-1
μA
VCB = -60V, IB = 0
Collector Cut-off Current
ICES
-1
μA
VCE = -100V, VEB = 0
Emitter Cut-off Current
IEBO
-1
μA
VEB = -5V, IC = 0
Collector-Emitter Saturation Voltage (Note 10)
VCE(sat)

-1.2
V
IC = -3.0A, IB = -375mA
Base-Emitter Turn-On Voltage (Note 10)
VBE(on)

-1.8
V
IC = -3A, VCE = -4V
DC Current Gain (Note 10)
hFE
25
10
50
VCE = -4V, IC = -1A
VCE = -4V, IC = -3A
Current Signal Current Gain
Hfe
20



VCE = -10V, IC = -0.5A, f = 1KHz
Current Gain-Bandwidth Product
fT
3.0


MHz
IC = -500mA, VCE = -10V, f = 1MHz
Note:
10. Measured under pulsed conditions. Pulse width
 300μs. Duty cycle 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com