Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP34X0G Datasheet(PDF) 21 Page - Micronas

Part # MSP34X0G
Description  Multistandard Sound Processor Family
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X0G Datasheet(HTML) 21 Page - Micronas

Back Button MSP34X0G Datasheet HTML 17Page - Micronas MSP34X0G Datasheet HTML 18Page - Micronas MSP34X0G Datasheet HTML 19Page - Micronas MSP34X0G Datasheet HTML 20Page - Micronas MSP34X0G Datasheet HTML 21Page - Micronas MSP34X0G Datasheet HTML 22Page - Micronas MSP34X0G Datasheet HTML 23Page - Micronas MSP34X0G Datasheet HTML 24Page - Micronas MSP34X0G Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
PRELIMINARY DATA SHEET
MSP 34x0G
MICRONAS INTERMETALL
21
Equalizer loudspeaker ch. band 1
00 21
[15..8]
[
+12 dB ... −12 dB]
0 dB
33
Equalizer loudspeaker ch. band 2
00 22
[15..8]
[
+12 dB ... −12 dB]
0 dB
33
Equalizer loudspeaker ch. band 3
00 23
[15..8]
[
+12 dB ... −12 dB]
0 dB
33
Equalizer loudspeaker ch. band 4
00 24
[15..8]
[
+12 dB ... −12 dB]
0 dB
33
Equalizer loudspeaker ch. band 5
00 25
[15..8]
[
+12 dB ... −12 dB]
0 dB
33
Automatic Volume Correction
00 29
[15..8]
[off, on, decay time]
off
31
Subwoofer level adjust
00 2C
[15..8]
[0 dB ...
−30 dB, mute]
0 dB
36
Subwoofer corner frequency
00 2D
[15..8]
[50 Hz ... 400 Hz]
00hex
36
Subwoofer complementary high-pass
[7..0]
[off, on]
off
36
Balance headphone channel [L/R]
00 30
[15..8]
[0...100 / 100% and 100 / 0...100%]
[
−127...0 / 0 and 0 / −127...0 dB]
100 %/100 %
31
Balance mode headphone
[7..0]
[Linear mode / logarithmic mode]
linear mode
Bass headphone channel
00 31
[15..8]
[
+20 dB ... −12 dB]
0 dB
32
Treble headphone channel
00 32
[15..8]
[
+15 dB ... −12 dB]
0 dB
33
Loudness headphone channel
00 33
[15..8]
[0 dB ...
+17 dB]
0 dB
34
Loudness filter characteristic
[7..0]
[NORMAL, SUPER_BASS]
NORMAL
Volume SCART2 output channel
00 40
[15..8]
[
+12 dB ... −114 dB, MUTE]
00hex
36
SCART2 source select
00 41
[15..8]
[FM, NICAM, SCART, I2S1, I2S2]
FM
29
SCART2 channel matrix
[7..0]
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
29
Table 3–5: List of MSP 34x0G Write Registers, continued
Write Register
Address
(hex)
Bits
Description and Adjustable Range
Reset
See
Page
Table 3–6: List of MSP 34x0G Read Registers
Read Register
Address
(hex)
Bits
Description and Adjustable Range
See
Page
I2C Subaddress = 11hex ; Registers are not writable
STANDARD RESULT
00 7E
[15..0]
Result of Automatic Standard Detection (see Table 3–8)
26
STATUS
02 00
[15..0]
Monitoring of internal settings e.g. Stereo, Mono, Mute etc. .
26
I2C Subaddress = 13hex ; Registers are not writable
Quasi peak readout left
00 19
[15..0]
[00hex ... 7FFFhex]16 bit two’s complement
38
Quasi peak readout right
00 1A
[15..0]
[00hex ... 7FFFhex]16 bit two’s complement
38
MSP hardware version code
00 1E
[15..8]
[00hex ... FFhex]38
MSP major revision code
[7..0]
[00hex ... FFhex]38
MSP product code
00 1F
[15..8]
[00hex ... FFhex]38
MSP ROM version code
[7..0]
[00hex ... FFhex]38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com