Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4924C Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4924C
Description  High accurate hall based crank sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4924C Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4924C Datasheet HTML 1Page - Infineon Technologies AG TLE4924C Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The TLE 4924C detects the motion and position of ferromagnetic and permanent
magnet structures by measuring the differential flux density of the magnetic
field. A self-calibration mode ensures optimum accuracy. Few transitions after
start up the sensor has already finished self-calibration and has reached a high-
accuracy running mode. As the TLE 4924C is switching at visible fixed (-1) or
visible adaptive (-2) hysteresis, the sensor enables accurate operation even at
large pitches known from e.g. VR applications. Therefore the TLE 4924C sup-
ports cost effective transitions from passive to active sensing.
The sensor combines a fast power up time with high accuracy and sensitivity.
With a wide temperature range, high ESD robustness and large EMC resistance,
the TLE 4924C perfectly meet the requirements of harsh environmental con-
ditions prevalent in automotive applications. The TLE 4924C comes with the
well established PG-SSO package with two integrated capacitors and various
hysteresis concepts. With all the features, the TLE 4924C is the ideal fitting hall
based crankshaft speed sensing solution for today‘s automotive requirements.
TLE 4924C is perfectly suited for applications with:
 
www.infineon.com/position-sensors
Features
TLE 4924C
High accurate hall based crank sensor
„
High sensitivity
„
PG-SSO-3-92(3)
„
Single chip solution
„
Symmetrical thresholds
„
High resistance to Piezo effects
„
South and north pole preinduction
possible
„
Low cut-off frequency
„
Digital output signal (voltage inter-
face)
„
Advanced performance by dynamic
self calibration principle
„
Two-wire and three wire configuration
possible
„
Wide operating temperature range
„
Fast start-up time
„
Large operating air-gaps
„
Reverse voltage protection at V
s-PIN
„
Short-circuit and over temperature
protection of output
„
Module style package with two inte-
grated capacitors:
–
4.7nF between Q and GND
–
47nF between Vs and GND: Needed for microcuts in
power supply
Product Brief


Similar Part No. - TLE4924C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4924C-1E6547 INFINEON-TLE4924C-1E6547 Datasheet
89Kb / 6P
Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
TLE4924C-2E6547 INFINEON-TLE4924C-2E6547 Datasheet
150Kb / 7P
Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
More results

Similar Description - TLE4924C

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS723KMA ALLEGRO-ACS723KMA Datasheet
786Kb / 17P
High Accuracy, Hall-effect Based Current Sensor
ACS724KMA ALLEGRO-ACS724KMA Datasheet
792Kb / 18P
High-Accuracy, Hall-Effect-Based Current Sensor IC
ACS725KMA ALLEGRO-ACS725KMA Datasheet
787Kb / 17P
High-Accuracy, Hall-Effect-Based Current Sensor IC with
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
Fully Integrated, Hall-Effect Based Current Sensor IC
logo
Infineon Technologies A...
TLE4928 INFINEON-TLE4928 Datasheet
277Kb / 2P
Highly accurate differential Hall sensor for crankshaft and transmission applications
08/2013
logo
Allegro MicroSystems
ACS724LMC ALLEGRO-ACS724LMC Datasheet
1Mb / 17P
High Accuracy Hall-Effect-Based Current Sensor
3 September 25, 2020
logo
Infineon Technologies A...
TLE4943C INFINEON-TLE4943C Datasheet
1Mb / 48P
Hall Based Differential Wheel Speed Sensor with AK protocol
V 1.2, July 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com