Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4961-3K Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4961-3K
Description  3.0 V to 32 V operating supply voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4961-3K Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4961-3K Datasheet HTML 17Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 18Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 19Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 20Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 21Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 22Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 23Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 24Page - Infineon Technologies AG TLE4961-3K Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
TLE4961-3K
Graphs of the Electrical Parameters
Data Sheet
21
Revision 1.0, 2012-05-15
Figure 6-3
Supply Current of the TLE4961-3K over Temperature
Figure 6-4
Supply Current of the TLE4961-3K over Supply Voltage
1,4
1,5
1,6
1,7
1,8
1,9
2
Vs=3V
Vs=12V
Vs=32V
1
1,1
1,2
1,3
-50
-30
-10
10
30
50
70
90
110
130
150
T [°C]
Vs=42V
1,4
1,5
1,6
1,7
1,8
1,9
2
-40°C
25°C
150°C
1
1,1
1,2
1,3
0
5
10
15
20
25
30
35
40
45
VS [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com