Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4984C Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4984C
Description  Programmable Mono-cell Chopped Hall Sensor with True Power On for Cam Shaft Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4984C Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4984C Datasheet HTML 1Page - Infineon Technologies AG TLE4984C Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
The TLE4984C is an active Hall sensor ideally suited for camshaft applications in
automotive. Its basic function is to map either a tooth or a notch of a target wheel
(e.g. gear wheel) into a unique electrical output state. The magnetic switching points
thereby have a high accuracy paired with an excellent stability due to the innovative
chopped Hall technology used for this sensor. The implemented electrical trimming
option for post-fabrication trimming sets the sensor’s switching points. This ensures
its true power on capability even in the case of production spreads such as different
magnetic configurations or misalignment. The programmability of the sensor includes
also the option to adjust the temperature coefficients to the application needs. The
standard configuration is programmed for NdFeB back bias magnets.
Additional, a self-calibration module has been implemented to achieve optimum
accuracy during normal running operation. The self calibration adjusts the offsets and
is well suited to cope with symmetrical and asymmetrical target wheels.
The TLE4984C comes in a three-pin package for the supply voltage and an open drain
output. The package has two integrated capacitors for enhanced EMC micro break
performance.
„
„
True Power On functionality
(TPO)
„
„
Programmable switching points
„
„
Pre-configured magnet
temperature coefficient
„
„
Single chip solution
„
„
PG-SSO-3 package
„
„
Twist-Independent Mounting
(TIM) for larger fabrication
tolerances
„
„
Advanced performance by
dynamic self-calibrating
principle
„
„
High accuracy and high stability
of the magnetic switching points
„
„
High resistance to
mechanical stress
„
„
Digital output signal
(voltage interface)
„
„
Short-circuit protection
„
„
Enhanced ESD performance
„
„
Module styled package with
two integrated capacitors for
micro cuts in power supply and
enhanced EMC performance
– 47nF between V
S and GND
– 4.7nF between V
q and GND
„
„
-40°C to 150°C
„
„
Automotive qualified
[www.infineon.com/magnetic-sensors]
Features
TLE4984C
Programmable Mono-cell Chopped Hall Sensor with
True Power On for Cam Shaft Applications
Encoder Wheels
Magnet Wheel
Hall Sensor
Signal
Processing
Circuitry


Similar Part No. - TLE4984C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4980C INFINEON-TLE4980C Datasheet
222Kb / 2P
Smart Hall Effect Sensor for Camshaft Applications
TLE4983C-HTNE6747 INFINEON-TLE4983C-HTNE6747 Datasheet
608Kb / 29P
TPO True Power On functionality
Version 1.1
TLE4986C-XAS-M47 INFINEON-TLE4986C-XAS-M47 Datasheet
1Mb / 35P
Hall switching sensor to measure speed or phase of pole/tooth wheels
Revision 1.1, 2014-11-07
TLE4986C-XTS-M47 INFINEON-TLE4986C-XTS-M47 Datasheet
1Mb / 36P
an active Hall sensor ideally suited for camshaft applications
Revision 1.1, 2014-11-07
TLE4988C-XTF-M28 INFINEON-TLE4988C-XTF-M28 Datasheet
402Kb / 13P
Programmable True Power On Camshaft Sensor
Revision 1.0 2020-03-20
More results

Similar Description - TLE4984C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90217 ETC1-MLX90217 Datasheet
243Kb / 8P
Hall-Effect Cam Sensor
logo
Melexis Microelectronic...
MLX90217 MELEXIS-MLX90217 Datasheet
326Kb / 8P
Hall-Effect Cam Sensor
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
Programmable Linear Hall Sensor
2004-09-15
TLE4988C-XTF-M28 INFINEON-TLE4988C-XTF-M28 Datasheet
402Kb / 13P
Programmable True Power On Camshaft Sensor
Revision 1.0 2020-03-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com