Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4998C8D Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4998C8D
Description  High Performance Programmable Single/Dual Linear Hall Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998C8D Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4998C8D Datasheet HTML 8Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 9Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 10Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 11Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 12Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 13Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 14Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 15Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
TLE4998C8(D)
Electrical, Thermal and Magnetic Parameters
Data Sheet
12
Revision 1.1, 2017-01
5.3
Electrical and Magnetic Characteristics in Undervoltage Range
5.4
Magnetic Field Direction Definition
Figure 5-2 shows the definition of the magnetic field direction. By standard the south pole field defines the positive
field values of the top die of the TLE4998C8(D).
Figure 5-2
Definition of magnetic field direction of the TLE4998C8(D).
For the TLE4998C8D, the bottom die measures the inverted field value of the top die. This leads to a default output
characteristic as shown in Figure 5-3.
Table 5-3
Electrical and Magnetic Characteristics in Supply Undervoltage Range
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Sensitivity drift
SE(T)
–
–
+2.5/-7.5 %
Magnetic offset drift
∆BOS
––
±400
μT
Integral nonlinearity
INL
–
–
±8.2
LSB12
1)
1) Range ±50 mT (also valid for ranges ±100 mT and ±200 mT), Gain = 1.0 (scales linearly with gain)
Output noise (rms)
OUTnoise ––
8
LSB12
With LP filter setting from 80 Hz
until 1390 Hz1)
Branded Side
N
S
Top Die
Bottom Die
Branded Side
N
S
TLE4998x8D (dual die):
TLE4998 x8 (single die):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com