Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4998S8D Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4998S8D
Description  High Performance Programmable Single/Dual Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S8D Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4998S8D Datasheet HTML 1Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 2Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 3Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 4Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 5Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 6Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 7Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 8Page - Infineon Technologies AG TLE4998S8D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TLE4998S8(D)
Overview
Data Sheet
4
Revision1.1,2017-07
1Overview
Figure 1-1
SMD package PG-TDSO-8 for the TLE4998S8(D)
1.1
Features
•
Integration of two individual Linear Hall sensor IC’s with Single Edge Nibble Transmission (SENT) open-drain
output signal (SAE J2716)
•
20-bit Digital Signal Processing (DSP)
•
Digital temperature and stress compensation
•
16-bit overall resolution
•
Operating automotive temperature range -40°C to 125°C
•
Minimal drift of output signal over temperature and lifetime
•
Programmable parameters stored in EEPROM with single-bit error correction:
– SENT unit time
– Magnetic range, sensitivity (gain), offset, and polarity of the output slope
– Filter Bandwidth
– Clamping levels
– Customer temperature compensation coefficients for all common magnets
•
Re-programmable until memory lock
•
Supply voltage 4.5-5.5 V (4.1-16 V extended range)
•
Configurable magnetic range: ±50 mT, ±100 mT, or ±200 mT
•
Reverse-polarity and overvoltage protection for all pins
•
Output short-circuit protection
•
On-board diagnostics (overvoltage, EEPROM error)
•
Output of internal magnetic field values and temperature
•
Programming and operation of multiple sensors with common power supply
•
Two-point calibration of magnetic transfer function without iteration steps
Note: Product qualification is based on “AEC Q100 Rev. G” grade 1 (Automotive Electronics Council - Stress test
qualification for integrated circuits)
Characteristic
Supply Voltage
Supply Current
Magnetic Range
Interface
Temperature
Programmable
Single/Dual Die
Linear Hall
Sensor
4.5~5.5 V
6 mA
±50mT
±100mT
±200mT
SENT (Single
Edge Nibble
Transmission)
Open Drain Output
-40°C to
125°C
Table 1-1
Ordering Information
Product Name
Marking
Ordering Code
Package
TLE4998S8
S8S
SP000902780
single sensor, PG-TDSO-8-1
TLE4998S8D
S8D
SP000902784
dual sensor, PG-TDSO-8-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com