Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMCG Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # CMCG
Description  30 Watt Single Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMCG Datasheet(HTML) 6 Page - Wall Industries,Inc.

  CMCG Datasheet HTML 1Page - Wall Industries,Inc. CMCG Datasheet HTML 2Page - Wall Industries,Inc. CMCG Datasheet HTML 3Page - Wall Industries,Inc. CMCG Datasheet HTML 4Page - Wall Industries,Inc. CMCG Datasheet HTML 5Page - Wall Industries,Inc. CMCG Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMCG Series
30 Watt Single Output
2:1 Input Voltage Range
Chassis Mount DC/DC Converter
Rev. B
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin (4.7uH)
and Cin (220uF, ESR < 1.0Ω at 100 KHz) to simulate source
impedance.
Capacitor Cin offsets possible battery impedance.
Current ripple is measured at the input terminals of the module. Measurement bandwidth is 0-500 KHz.
Peak-to-Peak Output Noise Measurement Test
Use Cout = 1.0uF ceramic capacitor.
Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20MHz. Position the load between 50mm and
75mm from the DC/DC Converter.
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 40 years. Our in-house research and development engineers will
provide a solution that exceeds your performance requirements on time and on budget. Our ISO9001-2000 certification is just one example
of our commitment to producing a high quality, well documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its
customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for
your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)587-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com