Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSOX6USBH Datasheet(PDF) 38 Page - Keysight Technologies

Part # DSOX6USBH
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6USBH Datasheet(HTML) 38 Page - Keysight Technologies

Back Button DSOX6USBH Datasheet HTML 34Page - Keysight Technologies DSOX6USBH Datasheet HTML 35Page - Keysight Technologies DSOX6USBH Datasheet HTML 36Page - Keysight Technologies DSOX6USBH Datasheet HTML 37Page - Keysight Technologies DSOX6USBH Datasheet HTML 38Page - Keysight Technologies DSOX6USBH Datasheet HTML 39Page - Keysight Technologies DSOX6USBH Datasheet HTML 40Page - Keysight Technologies DSOX6USBH Datasheet HTML 41Page - Keysight Technologies DSOX6USBH Datasheet HTML 42Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
38 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Waveform math
Number of math functions
Four, displays all four simultaneously. Can be cascaded
Arithmetic
Add, subtract, multiply, divide, differentiate, integrate, FFT, Ax + B, squared, square root, absolute
value, common logarithm, natural logarithm, exponential, base 10 exponential, low-pass filter,
high-pass filter, averaged value, magnify, max hold, min hold, measurement trend, chart logic bus
(timing or state), clock recovery
Enhanced FFT
Record size
Up to 1-Mpts resolution via precision mode
Window types
Hanning, flat top, rectangular, Blackman-Harris, Bartlett
Display
Color grade or monochrome
Waveforms
FFT, max hold, min hold, average
Peak search
Max 11 peaks, threshold and excursion control
Waveform analysis
Mask/limit test (Option)
Standard mask/limit test capability provides pass/fail comparison of a signal under test to a
predefined mask template or automask template. Predefined mask templates or edits to an automask
template can be made via a text editor. > 130,000 mask tests per second (waveform update rate)
Histogram
Provides a statistical view of a waveform or a measurement
Source
Any analog channels, math functions, reference waveforms, measurements
Types
Horizontal, vertical, or measurement
Measurements
Hits, peak, max, min, peak to peak, mean, median, mode, bin width, standard deviation, 1~3 sigma
Modes
All modes supported except zoom, ZY, and roll
Color grade
Provides a 3-dimensional view of waveform intensity
Source
Any analog channels, math functions, reference waveforms, real-time eye
Color themes
Temperature and intensity
Modes
All modes supported except zoom, ZY, and roll
Jitter (Option)
Measures the variance of a measurement over time
Jitter measurement
floor
600 fs rms at 6 GHz sine wave (typical)
Source
Any analog channels, math functions, and reference waveforms
Clock recovery
Constant frequency, first-order phase lock loop (PLL), second-order PLL, explicit
Data rate: Fully automatic, semi-automatic, manual
Real-time eye (Option)
Provides the color graded eye pattern analysis based on the recovered clock. Data bits are folded on
top of each other per clock cycle to give a 3-dimensional view
Source
Any analog channels, math functions, and reference waveforms
Clock recovery
Constant frequency, first-order phase lock loop (PLL), second-order PLL, explicit
Data rate: Fully automatic, semi-automatic, manual
Color mode
Color grade
Measurements
Eye height, eye width
Precision mode
Increase the analysis record length. Minimum: 100 kpts; maximum 1 Mpts
Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com