Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86100D-SIM Datasheet(PDF) 4 Page - Keysight Technologies

Part # 86100D-SIM
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86100D-SIM Datasheet(HTML) 4 Page - Keysight Technologies

  86100D-SIM Datasheet HTML 1Page - Keysight Technologies 86100D-SIM Datasheet HTML 2Page - Keysight Technologies 86100D-SIM Datasheet HTML 3Page - Keysight Technologies 86100D-SIM Datasheet HTML 4Page - Keysight Technologies 86100D-SIM Datasheet HTML 5Page - Keysight Technologies 86100D-SIM Datasheet HTML 6Page - Keysight Technologies 86100D-SIM Datasheet HTML 7Page - Keysight Technologies 86100D-SIM Datasheet HTML 8Page - Keysight Technologies 86100D-SIM Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
04 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
General and mainframe
Specifications describe warranted performance over the
temperature range of +10 to +40 °C (unless otherwise noted).
The specifications are applicable for the temperature after the
instrument is turned on for one hour, and while self-calibration
is valid. Many performance parameters are enhanced through
frequent, simple user calibrations. Characteristics provide useful,
non-warranted information about the functions and performance
of the instrument. Characteristics are printed in italic typeface.
Product specifications and descriptions in this document are
subject to change without notice.
General specifications
Temperature
Operating
10 to +40 °C (50 to +104 °F)
Non-operating
–40 to +65 °C (–40 to +158 °F)
Altitude
Operating
Up to 4,600 meters (15,000 feet)
Power (max)
100/120 Vac 50/60/400 Hz
With typical modules: 150 to 230 VA at 25 °C
220/240 Vac 50/60 Hz, 700 W maximum
Weight
Mainframe without modules
20.5 kg (43 lbs)
Typical module
1.2 kg (2.6 lbs)
Mainframe dimensions (excluding handle) Without front connectors and rear feet
221 mm (H) x 426 mm (W) x 530 mm (D)
(7 in x 16.76 in x 20.9 in)
With front connectors and rear feet
234 mm (H) x 426 mm (W) x 601 mm (D)
(9.23 in x 16.76 in x 23.67 in)
With front cover and rear feet
234 mm (H) x 426 mm (W) x 612 mm (D)
(9.23 in x 16.76 in x 24.1 in)
Max relative humidity
80% for temperatures up to 31 °C decreasing linearly to 50% relative humidity at 40 °C
Supply voltage variation
86100D system can operate with supply voltage fluctuations up to ± 10% of the nominal voltage
Mainframe specifications
Horizontal system (time base)
Pattern lock
Scale factor (full scale is ten divisions)
Minimum
2 ps/div (with 86107A or 86100D-PTB: 500 fs/div)
Maximum
1 s/div
250 ns/div
Delays 1
Minimum
24 ns
40.1 ns default, 24 ns min
Maximum
1000 screen diameters or 10 s whichever is smaller
1000 screen diameters or 25.401 μs whichever is smaller
Time interval accuracy 2,3
1 ps + 1.0% of Δ time reading or 8 ps, whichever is smaller
Jitter mode operation 4
Time interval accuracy - jitter mode operation 1 ps
Time interval resolution
≤ (screen diameter)/(record length) or 62.5 fs, whichever is
larger
Display units
Bits or time (TDR mode–meters)
Vertical system (channels)
Number of channels
16 (simultaneous acquisition)
Vertical resolution
54xxx, 83xxx, 86xxx: 14 bit A/D converter (16 or more bits with averaging). N10xx: 16 bit A/D converter
Full resolution channel
Adjusts in a 1-2-5-10 sequence for coarse adjustment or fine adjustment resolution from the front panel knob
Adjustments
Scale, offset, activate filter, sampler bandwidth, attenuation factor, transducer conversion factors
Record length
Legacy UI: 16 to 16 K samples
FlexDCA without pattern lock: 16 to 64 K samples
FlexDCA with pattern lock: 16 up to 32 M samples 5
1. Time offset relative to the front panel trigger input on the instrument mainframe.
2. Dual marker measurement performed at a temperature within 5 °C of horizontal calibration temperature.
3. The maximum delay setting is 100 ns and delta time does not span across (28 + Nx4) ns ± 100 ps delay setting, where N=0,1,2….18. If delta time
measurement span exceeds above criteria, time interval accuracy is 8 ps +0.1% of Δ time reading.
4. Characteristic performance. Test configuration: PRBS of length 127 bits, Data and Clock 10 Gb/s.
5. Maximum number of samples depends on pattern, number of active channels and available memory.
Specifications
Comparing specifications
When comparing performance attributes between instruments,
ensure you compare the same type of parameter. For example,
compare warranted specifications from both instruments, or
compare characteristics or typical performance. Warranted
specifications include measurement uncertainties and are
conservative compared to other types of unwarranted attributes.
Factory calibration cycle - For optimum performance, the
instrument should have a complete verification of specifications
once every twelve months.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com