Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA3022E-R Datasheet(PDF) 2 Page - Lumberg

Part # HA3022E-R
Description  Tools and harnessing machines
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

HA3022E-R Datasheet(HTML) 2 Page - Lumberg

  HA3022E-R Datasheet HTML 1Page - Lumberg HA3022E-R Datasheet HTML 2Page - Lumberg HA3022E-R Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
97 HA3022e-R
01/2018
2
Range of application
Pole number
4–22
Pitch
1,27 mm
State of delivery of connectors
on reel
Processable conductor
flat cable 1.27 mm
Features
Application
middle and high volume
production
Stroke capacity
ca. 1000/h
Scope of functions and delivery
- Automatic feeding of connectors
from reel
- Automatic release of press action
by control of line end position
- Harnessing of bus cables not
possible
Options
- Cable color detection 7 + 1
Dimensions and supply data
Dimensions (H x W x D)
500 mm x 600 mm x 700 mm
Weight
ca. 45 kg
Electrical supply
230 V/50 Hz
Compressed air supply
6 bar
Compressed air consumption
1 m³/1000 Steckverbinder
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com